Electronic Components Datasheet Search
  English  ▼

X  

100001237 Datasheet (PDF) - Turck, Inc.

100001237 Datasheet PDF - Turck, Inc.
Part # 100001237
Download  100001237 Download
File Size   106.83 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Pressure Transmitter – With Voltage Output (3-Wire)

100001237 Datasheet (PDF)

Go To PDF Page Download Datasheet
100001237 Datasheet PDF - Turck, Inc.

Part # 100001237
Download  100001237 Click to download

File Size   106.83 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Pressure Transmitter – With Voltage Output (3-Wire)

100001237 Datasheet (HTML) - Turck, Inc.


100001237 Product details

Features
■Fully welded metal measuring cell
■Pressure range 0…5000 psi rel.
■Pressure peak orifice
■7…33 VDC
■Analog output 0…5 V
■Process connection 7/16" UNF (SAE) male
thread
■Plug-in device, M12 × 1

Functional principle
The pressure sensors in the PT…‐2000
product series operate with a fully welded
metal measuring cell in various pressure
ranges of up to -1…1000 bar in 2-, 3- or even
4-wire technology. Depending on the sensor
variant, the processed signal is available
as an analog output signal (4…20 mA, 0…
10 V, 0…5 V, 1…6 V, ratiometric) or as a
digital IO-Link process parameter. The IO-Link
sensor variants also have two independently
configurable switching outputs.
In addition to the standard variants, there are
special sensors for uses such as ATEX areas
or for oxygen applications.
A wide range of process connections and
electrical connections offer a high degree of
flexibility in a wide range of applications.




Similar Part No. - 100001237

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
100001235 TURCK-100001235 Datasheet
106Kb / 4P
Pressure Transmitter – With Voltage Output (3-Wire)
11/08/2023
More results


Similar Description - 100001237

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
571471 FESTO-571471 Datasheet
92Kb / 2P
Pressure transmitter
571472 FESTO-571472 Datasheet
92Kb / 2P
Pressure transmitter
571476 FESTO-571476 Datasheet
92Kb / 2P
Pressure transmitter
571482 FESTO-571482 Datasheet
92Kb / 2P
Pressure transmitter
571483 FESTO-571483 Datasheet
82Kb / 2P
Pressure transmitter
571488 FESTO-571488 Datasheet
82Kb / 2P
Pressure transmitter
logo
WOLFSPEED, INC.
AMS3011 WOLFSPEED-AMS3011 Datasheet
511Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
April 2016 Rev. 1.0
AMS4710 WOLFSPEED-AMS4710 Datasheet
610Kb / 8P
Miniaturized pressure transmitter with analog 0 ... 10 V output
March 2020 Rev. 1.0
AMS4711 WOLFSPEED-AMS4711 Datasheet
539Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
March 2015 Rev. 4.0
AMS4712 WOLFSPEED-AMS4712 Datasheet
607Kb / 8P
Miniaturized pressure transmitter with 4 .. 20 mA output
March 2015 Rev. 4.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com