Electronic Components Datasheet Search
  English  ▼

X  

SMF54A Datasheet (PDF) - SUNMATE electronic Co., LTD

SMF54A Datasheet PDF - SUNMATE electronic Co., LTD
Part # SMF54A
Download  SMF54A Download
File Size   1082.83 Kbytes
Page   3 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE

SMF54A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF54A Datasheet PDF - SUNMATE electronic Co., LTD

Part # SMF54A
Download  SMF54A Click to download

File Size   1082.83 Kbytes
Page   3 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE

SMF54A Datasheet (HTML) - SUNMATE electronic Co., LTD


SMF54A Product details

Features
For surface mounted applications
Low profile package
clamping capability
cycle):0.01%
High temperature soldering guaranteed:
260 ℃/10 seconds, at terminals
200W peak pulse power capability wi t h a 10/1000 μ
Low incremental surge resistance, excellent
s
wave from,repetition rate (duty




Similar Part No. - SMF54A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF54A ONSEMI-SMF54A Datasheet
69Kb / 6P
Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
logo
Pan Jit International I...
SMF54A PANJIT-SMF54A Datasheet
121Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMF54A MCC-SMF54A Datasheet
289Kb / 5P
200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
EIC discrete Semiconduc...
SMF54A EIC-SMF54A Datasheet
140Kb / 3P
ZENER OVERVOLTAGE TRANSIENT SUPPRESSOR
logo
Pan Jit International I...
SMF54A PANJIT-SMF54A Datasheet
109Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SMF54A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MMF6.5A SUNMATE-MMF6.5A Datasheet
811Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF11A SUNMATE-MMF11A Datasheet
811Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF24A SUNMATE-MMF24A Datasheet
811Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF24CA SUNMATE-MMF24CA Datasheet
811Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF28CA SUNMATE-MMF28CA Datasheet
811Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF43CA SUNMATE-MMF43CA Datasheet
811Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF45CA SUNMATE-MMF45CA Datasheet
811Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF58A SUNMATE-MMF58A Datasheet
811Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF60CA SUNMATE-MMF60CA Datasheet
811Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF70A SUNMATE-MMF70A Datasheet
811Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com