Electronic Components Datasheet Search
  English  ▼

X  

100029224 Datasheet (PDF) - Turck, Inc.

100029224 Datasheet PDF - Turck, Inc.
Part # 100029224
Download  100029224 Download
File Size   1179.31 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inclinometer

100029224 Datasheet (PDF)

Go To PDF Page Download Datasheet
100029224 Datasheet PDF - Turck, Inc.

Part # 100029224
Download  100029224 Click to download

File Size   1179.31 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inclinometer

100029224 Datasheet (HTML) - Turck, Inc.


100029224 Product details

Features
■Rectangular, plastic, Ultem
■Status displayed via LED
■Angle detection via one axis with 360 °
measuring range
■Temperature detection from -40 °C to 85 °C
■High protection class IP68/IP69K
■Protected against salt spray and rapid
temperature change
■18…30 VDC
■M12 × 1 connector, 4-pin
■Communication via IO-Link
Functional principle
The inclinometers use an acceleration
measuring cell to determine the angle. The
Earth's gravity is used as a reference. If the
inclinometer changes its angle relative to
the Earth's gravity, this is detected by the
acceleration measuring cell. The signal is then
linearized so that a value proportional to the
angle is output.
The measuring principle used makes mounting
and commissioning the device easy. The robust
sensors are positioned with the cast side on
a flat surface so that the casting compound is
covered. The sensor is then secured with two
screws.
The sensor can also record the temperature,
which can be used to monitor the condition of
the machine.




Similar Part No. - 100029224

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
100029224 TURCK-100029224 Datasheet
1Mb / 3P
Inclinometer
11/07/2023
100029224 TURCK-100029224 Datasheet
1Mb / 3P
Dynamic Inclinometer
11/07/2023
100029224 TURCK-100029224 Datasheet
1Mb / 3P
Dynamic Inclinometer
11/07/2023
100029224 TURCK-100029224 Datasheet
1Mb / 3P
Dynamic Inclinometer
11/07/2023
100029224 TURCK-100029224 Datasheet
1Mb / 3P
Inclinometer
11/07/2023
More results


Similar Description - 100029224

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCA61T ETC2-SCA61T Datasheet
420Kb / 18P
INCLINOMETER SERIES
logo
VTI technologies
SCA100T VTI-SCA100T Datasheet
224Kb / 2P
Inclinometer
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
Stand Alone Inclinometer
SCA610 VTI-SCA610 Datasheet
169Kb / 2P
Accelerometer/Inclinometer
SCL1700 VTI-SCL1700 Datasheet
258Kb / 2P
Inclinometer Subassembly
SCL1700-D31 VTI-SCL1700-D31 Datasheet
167Kb / 5P
INCLINOMETER SUB-ASSEMBLY
SCA610-C23H1A VTI-SCA610-C23H1A Datasheet
170Kb / 2P
Accelerometer/Inclinometer
logo
TE Connectivity Ltd
DOG2-MEMS TEC-DOG2-MEMS Datasheet
286Kb / 4P
Dual axis inclinometer
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
Dual axis inclinometer
DOG2 TEC-DOG2 Datasheet
231Kb / 4P
Dual axis inclinometer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com