Electronic Components Datasheet Search
  English  ▼

X  

1411646 Datasheet (PDF) - PHOENIX CONTACT

1411646 Datasheet PDF - PHOENIX CONTACT
Part # 1411646
Download  1411646 Download
File Size   561.02 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P- 5,0-PVC/M12FSS PE - Power cable

1411646 Datasheet (PDF)

Go To PDF Page Download Datasheet
1411646 Datasheet PDF - PHOENIX CONTACT

Part # 1411646
Download  1411646 Click to download

File Size   561.02 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P- 5,0-PVC/M12FSS PE - Power cable

1411646 Datasheet (HTML) - PHOENIX CONTACT


1411646 Product details

Power cable, 3-position, PVC, black, free cable end, on Socket straight M12, coding: S, cable
length: 5 m, For alternating current up to 16 A/690 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against incorrect connection using special S-coding




Similar Part No. - 1411646

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1411640 PHOENIX-1411640 Datasheet
574Kb / 18P
SAC-3P-M12MRS/ 1,0-PVC PE - Power cable
1411641 PHOENIX-1411641 Datasheet
575Kb / 18P
SAC-3P-M12MRS/ 2,0-PVC PE - Power cable
1411642 PHOENIX-1411642 Datasheet
575Kb / 18P
SAC-3P-M12MRS/ 5,0-PVC PE - Power cable
1411644 PHOENIX-1411644 Datasheet
561Kb / 18P
SAC-3P- 1,0-PVC/M12FSS PE - Power cable
1411645 PHOENIX-1411645 Datasheet
560Kb / 18P
SAC-3P- 2,0-PVC/M12FSS PE - Power cable
More results


Similar Description - 1411646

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1402977 PHOENIX-1402977 Datasheet
83Kb / 4P
Sensor/Actuator cable - SAC-3P- 5,0-PVC/A
1404788 PHOENIX-1404788 Datasheet
113Kb / 6P
Sensor/Actuator cable - SAC-3P- 5,0-PVC/A B-L
1415924 PHOENIX-1415924 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P- 5,0-PVC/B-1L-Z
1415933 PHOENIX-1415933 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P- 5,0-PVC/BI-1L-V
1415943 PHOENIX-1415943 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P- 5,0-PVC/CI-1L-V
1425384 PHOENIX-1425384 Datasheet
68Kb / 4P
Power cable - SAC-3P- 1,5-PVC/M12FSS PE
1425622 PHOENIX-1425622 Datasheet
67Kb / 4P
Power cable - SAC-3P-M12MSS/ 2,5-PVC PE
1425625 PHOENIX-1425625 Datasheet
68Kb / 4P
Power cable - SAC-3P- 2,5-PVC/M12FSS PE
1505326 PHOENIX-1505326 Datasheet
108Kb / 8P
Sensor/actuator cable - SAC-3P- 5,0-PVC/M12FR-2L
09/11/2020
1508459 PHOENIX-1508459 Datasheet
104Kb / 7P
Sensor/actuator cable - SAC-3P- 5,0-PVC/M12FS-2L
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com