Electronic Components Datasheet Search
  English  ▼

X  

TLV9151 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV9151 Datasheet PDF - Texas Instruments
Part # TLV9151
Download  TLV9151 Download
File Size   3679.47 Kbytes
Page   60 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV915x-Q1 4.5MHz, Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Automotive Op Amp

TLV9151 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV9151 Datasheet PDF - Texas Instruments

Part # TLV9151
Download  TLV9151 Click to download

File Size   3679.47 Kbytes
Page   60 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV915x-Q1 4.5MHz, Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Automotive Op Amp

TLV9151 Datasheet (HTML) - Texas Instruments


TLV9151 Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 1: –40°C to +125°C, TA
– Device HBM ESD classification level 3A
– Device CDM ESD classification level C6
• Low offset voltage: ±125μV
• Low offset voltage drift: ±0.3μV/°C
• Low noise: 10.8nV/√Hz at 1kHz
• High common-mode rejection: 120dB
• Low bias current: ±10pA
• Rail-to-rail input and output
• Wide bandwidth: 4.5MHz GBW
• High slew rate: 21V/μs
• Low quiescent current: 560μA per amplifier
• Wide supply: ±1.35V to ±8V, 2.7V to 16V
• Robust EMIRR performance: EMI/RFI filters on
input pins

2 Applications
• Optimized for AEC-Q100 grade 1 applications
• Infotainment and cluster
• Passive safety
• Body electronics and lighting
• HEV/EV inverter and motor control
• On-board (OBC) and wireless charger
• Powertrain current sensor
• Advanced driver assistance systems (ADAS)
• High-side and low-side current sensing

3 Description
The TLV915x-Q1 family (TLV9151-Q1, TLV9152-Q1,
and TLV9154-Q1) is a family of 16V, general
purpose automotive operational amplifiers. These
devices offer exceptional DC precision and AC
performance, including rail-to-rail output, low offset
(±125μV, typical), low offset drift (±0.3μV/°C, typical),
and 4.5MHz bandwidth.
Convenient features such as wide differential inputvoltage
range, high output current (±75mA), high slew
rate (21V/μs), and low noise (10.8nV/√Hz) make the
TLV915x-Q1 a robust, low-noise operational amplifier
for automotive applications.
The TLV915x-Q1 family of op amps is available in
standard packages and is specified from –40°C to
125°C.




Similar Part No. - TLV9151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9151 TI1-TLV9151 Datasheet
1Mb / 37P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI1-TLV9151 Datasheet
3Mb / 52P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI1-TLV9151 Datasheet
3Mb / 52P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151 Datasheet
4Mb / 61P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151 Datasheet
4Mb / 63P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
More results


Similar Description - TLV9151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9152 TI1-TLV9152 Datasheet
1Mb / 37P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9152-Q1 TI1-TLV9152-Q1 Datasheet
1Mb / 38P
TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
TLV9151 TI-TLV9151_V02 Datasheet
4Mb / 61P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151_V03 Datasheet
4Mb / 63P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9152-Q1 TI-TLV9152-Q1_V01 Datasheet
2Mb / 41P
TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
TLV9152-Q1 TI-TLV9152-Q1_V02 Datasheet
3Mb / 45P
TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
TLV9151-Q1 TI-TLV9151-Q1 Datasheet
3Mb / 49P
TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
TLV9151-Q1 TI-TLV9151-Q1_V01 Datasheet
3Mb / 52P
TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
TLV9151-Q1 TI-TLV9151-Q1_V02 Datasheet
3Mb / 54P
TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
SEPTEMBER 2021
TLV9151-Q1 TI-TLV9151-Q1_V03 Datasheet
3Mb / 52P
TLV915x-Q1 4.5-MHz, Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Automotive Op Amp
REVISED JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com