Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT08-EP Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN74ACT08-EP Datasheet PDF - Texas Instruments
Part # SN74ACT08-EP
Download  SN74ACT08-EP Download
File Size   790.42 Kbytes
Page   21 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74ACT08-Q1 Quadruple 2-Input AND Gates With TTL-Compatible Inputs

SN74ACT08-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ACT08-EP Datasheet PDF - Texas Instruments

Part # SN74ACT08-EP
Download  SN74ACT08-EP Click to download

File Size   790.42 Kbytes
Page   21 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74ACT08-Q1 Quadruple 2-Input AND Gates With TTL-Compatible Inputs

SN74ACT08-EP Datasheet (HTML) - Texas Instruments


SN74ACT08-EP Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Operating voltage range of 4.5V to 5.5V
• TTL-compatible inputs
• Continuous ±24mA output drive at 5V
• Supports up to ±75mA output drive at 5V
in short bursts
• Drives 50Ω transmission lines
• Fast operation with delay of 10ns max (VCC = 5V,
CL = 50pF)

2 Applications
• Combine power good signals
• Combine enable signals

3 Description
The SN74ACT08-Q1 contains four independent 2-
input AND gates.




Similar Part No. - SN74ACT08-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT08-EP TI1-SN74ACT08-EP Datasheet
305Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74ACT08-EP TI1-SN74ACT08-EP Datasheet
790Kb / 23P
SN74ACT08-Q1 Automotive Quadruple 2-Input AND Gates With TTL-Compatible Inputs
DECEMBER 2024
SN74ACT08-EP TI1-SN74ACT08-EP Datasheet
2Mb / 37P
SNx4ACT08 Quadruple 2-Input Positive-AND Gates
FEBRUARY 2025
SN74ACT08-EP TI1-SN74ACT08-EP Datasheet
1Mb / 30P
SN74ACT08-Q1 Automotive Quadruple 2-Input AND Gates With TTL-Compatible Inputs
FEBRUARY 2025
SN74ACT08-EP TI2-SN74ACT08-EP Datasheet
881Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SEPTEMBER 2004
More results


Similar Description - SN74ACT08-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS00-Q1 TI1-SN74HCS00-Q1 Datasheet
300Kb / 17P
SN74HCS00-Q1 Automotive Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS86-Q1 TI1-SN74HCS86-Q1 Datasheet
352Kb / 17P
SN74HCS86-Q1 Automotive Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
SN74HCS7266-Q1 TI1-SN74HCS7266-Q1 Datasheet
274Kb / 15P
SN74HCS7266-Q1 Automotive Quadruple 2-Input XNOR Gates with Schmitt-Trigger Inputs
SN74HCS7002-Q1 TI1-SN74HCS7002-Q1 Datasheet
331Kb / 18P
SN74HCS7002-Q1 Automotive Quadruple 2-Input NOR Gates with Schmitt-Trigger Inputs
SN74HCS00-Q1 TI1-SN74HCS00-Q1_V01 Datasheet
340Kb / 18P
SN74HCS00-Q1 Automotive Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS08-Q1 TI1-SN74HCS08-Q1_V01 Datasheet
874Kb / 20P
SN74HCS08-Q1 Automotive Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS7266-Q1 TI1-SN74HCS7266-Q1_V01 Datasheet
391Kb / 18P
SN74HCS7266-Q1 Automotive Quadruple 2-Input XNOR Gates with Schmitt-Trigger Inputs
SN74HCS08-Q1 TI-SN74HCS08-Q1_V02 Datasheet
1Mb / 27P
SN74HCS08-Q1 Automotive Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS86-Q1 TI-SN74HCS86-Q1_V02 Datasheet
1Mb / 27P
SN74HCS86-Q1 Automotive Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
SN74HCS08-Q1 TI-SN74HCS08-Q1_V03 Datasheet
2Mb / 31P
SN74HCS08-Q1 Automotive Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
DECEMBER 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com