Electronic Components Datasheet Search
  English  ▼

X  

BQ25302 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
BQ25302 Datasheet PDF - Texas Instruments
Part # BQ25302
Download  BQ25302 Download
File Size   2224.96 Kbytes
Page   39 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description BQ25308 Standalone 1-Cell, 17V, 3.0A Battery Charger with Dead Battery Charge Inhibit

BQ25302 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25302 Datasheet PDF - Texas Instruments

Part # BQ25302
Download  BQ25302 Click to download

File Size   2224.96 Kbytes
Page   39 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description BQ25308 Standalone 1-Cell, 17V, 3.0A Battery Charger with Dead Battery Charge Inhibit

BQ25302 Datasheet (HTML) - Texas Instruments


BQ25302 Product details

1 Features
• Standalone charger and easy to configure
• High-efficiency, 1.2MHz, synchronous switch-mode
buck charger
– 92.5% charge efficiency at 2A from 5V input for
1-cell battery
– 91.8% charge efficiency at 2A from 9V input for
1-cell battery
• Single input to support USB input and high voltage
adaptors
– Supports 4.1V - 17V input voltage range with
28V absolute maximum input voltage rating
– Input Voltage Dynamic Power Management
(VINDPM) tracking battery voltage
• High integration
– Integrated reverse blocking and synchronous
switching MOSFET
– Internal input and charge current sense
– Internal loop compensation
– Integrated bootstrap diode
• 3.6V / 4.05V / 4.15V / 4.2V charge voltage
• 3.0A maximum fast charge current
• 200nA low battery leakage current at 4.5V VBAT
• 4.25μA VBUS supply current in IC disable mode
• Charge current thermal regulation at 120°C
• Precharge current: 10% of fast charge current
• Termination current: 10% of fast charge current
• Charge accuracy
– ±0.5% charge voltage regulation
– ±10% charge current regulation
• Safety
– Disable charge for dead battery condition
– Thermal regulation and thermal shutdown
– Input Under-Voltage Lockout (UVLO) and Over-
Voltage Protection (OVP)
– Battery overcharge protection
– Safety timer for precharge and fast charge
– Charge disabled if current setting pin ICHG is
open or short
– Cold/hot battery temperature protection
– Fault report on STAT pin
• Available in a WQFN 3x3-16 package

2 Applications
• Wireless speaker
• Barcode scanner
• Gaming
• Cradle charger
• Cordless power tool
• Building automation
• Medical

3 Description
The BQ25308 is a highly-integrated standalone
switch-mode battery charger for 1-cell Li-ion, Lipolymer,
and LiFePO4 batteries. The BQ25308
supports 4.1V to 17V input voltage and 3A fast charge
current. The integrated current sensing topology of
the device enables high charge efficiency and low
BOM cost. The best-in-class 200nA low quiescent
current of the device conserves battery energy and
maximizes the shelf time for portable devices. The
BQ25308 is available in a 3x3 WQFN package for
easy 2-layer layout and space limited applications.
The BQ25308 supports a 4.1V to 17V input to charge single cell batteries. The BQ25308 provides up to 3A
continuous charge current to a single cell 1S battery. The device features fast charging for portable devices. Its
input voltage regulation delivers maximum charging power to the battery from the input source. The solution is
highly integrated with an input reverse-blocking FET (RBFET, Q1), high-side switching FET (HSFET, Q2), and
low-side switching FET (LSFET, Q3). The device also provides a safety feature that completely inhibits charging
of a dead battery.
The BQ25308 features lossless integrated current sensing to reduce power loss and BOM cost with
minimized component count. It also integrates a bootstrap diode for the high-side gate drive and battery
temperature monitor to simplify system design. The device initiates and completes a charging cycle without
host control. The BQ25308 charge voltage and charge current are set by external resistors. The BQ25308
detects the charge voltage setting at startup and charges the battery in four phases: battery short, preconditioning,
constant current, and constant voltage. At the end of the charging cycle, the charger automatically
terminates if the charge current is below the termination current threshold and the battery voltage is
above the recharge threshold. When the battery voltage falls below the recharge threshold, the charger will
automatically start another charging cycle. The charger provides various safety features for battery charging and
system operations, including battery temperature monitoring based on negative temperature coefficient (NTC)
thermistor, charge safety timer, input over-voltage and over-current protections, as well as battery over-voltage
protection. Pin open and short protection is also built in to protect against the charge current setting pin ICHG
accidently open or short to GND. The thermal regulation regulates charge current to limit die temperature during
high power operation or high ambient temperature conditions.
The STAT pin output reports charging status and fault conditions. When the input voltage is removed, the device
automatically enters HiZ mode with very low leakage current from battery to the charger device. The BQ25308 is
available in a 3mm x 3mm thin WQFN package.




Similar Part No. - BQ25302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25302 TI-BQ25302 Datasheet
2Mb / 38P
BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
BQ25302 TI-BQ25302 Datasheet
1Mb / 32P
BQ25303J Standalone 1-Cell, 17-V, 3.0-A Battery Charger with JEITA Battery Temperature Monitoring
BQ25302 TI2-BQ25302 Datasheet
2Mb / 40P
BQ25303J Standalone 1-Cell, 17-V, 3.0-A Battery Charger with JEITA Battery Temperature Monitoring
FEBRUARY 2021
BQ25302 TI2-BQ25302 Datasheet
2Mb / 41P
BQ25306 Standalone 17-V, 3.0-A 1-2 Cell Buck Battery Charger
REVISED NOVEMBER 2020
BQ25302RTER TI-BQ25302RTER Datasheet
2Mb / 38P
BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
More results


Similar Description - BQ25302

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB2017 UTC-UB2017 Datasheet
278Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB10803 UTC-UB10803 Datasheet
244Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016 UTC-UB2016_15 Datasheet
267Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2017 UTC-UB2017_15 Datasheet
278Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB10803 UTC-UB10803_15 Datasheet
243Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016 UTC-UB2016_18 Datasheet
307Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3762 CONSONANCE-CN3762 Datasheet
211Kb / 11P
Standalone 2-Cell Li-ion Battery Charger
logo
Texas Instruments
BQ25302 TI-BQ25302 Datasheet
2Mb / 38P
BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com