Electronic Components Datasheet Search
  English  ▼

X  

MAX9295D Datasheet (PDF) - Analog Devices

MAX9295D Datasheet PDF - Analog Devices
Part # MAX9295D
Download  MAX9295D Download
File Size   2646.62 Kbytes
Page   203 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GMSL2 Dual CSI-2 Serializer with GMSL1 Compatibility

MAX9295D Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9295D Datasheet PDF - Analog Devices

Part # MAX9295D
Download  MAX9295D Click to download

File Size   2646.62 Kbytes
Page   203 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GMSL2 Dual CSI-2 Serializer with GMSL1 Compatibility

MAX9295D Datasheet (HTML) - Analog Devices


MAX9295D Product details

General Description
The MAX9295D converts single- or dual-port MIPI CSI-2
data streams to GMSL2™ or GMSL1™ while sending and
receiving control-channel data, enabling full-duplex singlewire
transmission of forward video and bidirectional control
data over cables in excess of 15m in length. In GMSL2
mode, the device operates at a fixed rate of 3Gbps or
6Gbps in the forward direction and 187.5Mbps in the reverse
direction. In GMSL1 mode, the MAX9295D can be
paired with first-generation 3.12Gbps or 1.5Gbps GMSL1
deserializers or operate up to 4.5Gbps with GMSL2 deserializers
configured for GMSL1 mode. Operation is specified
over the automotive temperature range of -40°C to
+105°C and the device is AEC-Q100 Grade 2 qualified.
Cable can be coaxial or shielded twisted pair (STP).

Benefits and Features
● Dual 4-Lane MIPI CSI-2 v1.3 Ports
• MIPI D-PHY v1.2 at 80Mbps - 2.5Gbps per Lane
• 4-Channel CSI-2 Virtual-Channel Support
• Support for RAW8/10/12/14/16/20, RGB565/666/
888 and YUV8-/10-Bit Data Types
• CSI-2 Inputs in GMSL2 Mode Accept Cameras with
Different Video Timing and Resolution
• CSI-2 ECC and Checksum Error Detection and
Flagging
• CSI-2 Lane Reassignment and Polarity Flip
● Selectable GMSL2 at 3/6Gbps or Backward-
Compatible GMSL1 Mode
• Operates up to 4.5Gbps with GMSL2 Deserializers
in GMSL1 Mode
• 187.5Mbps Reverse Link for Reduced-Size Powerover-
Cable (PoC) Filter
• Forward- and Reverse-Channel PRBS for BER
Testing of Serial Link
• Reverse-Channel Eye-Opening Monitor for
Continuous Link-Margin Diagnosis
• Reverse-Channel Adaptive Equalization Allows
Coax Cable Longer than 15m with Multiple Inline
Connectors
• Crosspoint Switch Remaps Input to Any Desired
Deserializer Output Order
● ASIL-Relevant Functional Safety Features (GMSL2)
• ASIL-B Compliant
• 16-Bit CRC Protection of Side-Channel Data (I2C,
UART, SPI, GPIO) with Retransmission upon Error
Detection
• Optional 32-Bit CRC Protection of Video-Line Data
• Video Watermark Insertion and Detection
● Concurrent Side Channel for Device Configuration
and Communication with Peripherals
• GMSL2: I2C/UART, Dual Pass-Through I2C/UART,
SPI, GPIO and Register-Programmable GPIO
• GMSL1: I2C/UART, Tunneled GPI-GPO and CNTL
Links, and Register-Programmable GPIO
• Four Hardware-Selectable Device Addresses
● Three Internal and Three External Supply Voltage
Monitors
● 50Ω Coax Cable or 100Ω STP
● Programmable Spread Spectrum for EMI Reduction
● 7mm x 7mm TQFN Package with Exposed Pad and
Available Wettable Flanks
● -40°C to +105°C Operating Temperature
● AEC-Q100 Grade 2

Applications
● Co-located sensors
● Stereo camera
● Side mirror
● Radar
● Lidar




Similar Part No. - MAX9295D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9295 MAXIM-MAX9295 Datasheet
1Mb / 51P
Gigabit Multimedia Serial Link with Spread Spectrum and Full-Duplex Control Channel
Rev 4; 10/14
More results


Similar Description - MAX9295D

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100203210049 ERNI-100203210049 Datasheet
60Kb / 1P
Federleistengehause C/2 CSI
logo
Texas Instruments
DS90UB953-Q1 TI1-DS90UB953-Q1 Datasheet
136Kb / 7P
MIPI CSI-2 FPD-Link III Serializer
DS90UB935-Q1 TI1-DS90UB935-Q1 Datasheet
1Mb / 88P
FPD-Link III 3-Gbps Serializer With CSI-2 Interface
logo
STMicroelectronics
STMIPID02 STMICROELECTRONICS-STMIPID02 Datasheet
2Mb / 50P
Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
Rev 1 - 22-Oct-2018
logo
Rohm
BU18TM41-C ROHM-BU18TM41-C Datasheet
859Kb / 11P
Clockless Link-BD Serializer with MIPI CSI-2 Interface for Automotive
25.Mar.2021 Rev.001
logo
Analog Devices
MAX96724 AD-MAX96724 Datasheet
4Mb / 474P
Quad Tunneling GMSL2/1 to CSI-2 Deserializer
Rev 4; 1/23
MAX96717R AD-MAX96717R Datasheet
1Mb / 142P
CSI-2 to GMSL2 Serializer
19-101157; Rev 1; 3/23
MAX96714 AD-MAX96714 Datasheet
2Mb / 210P
Single GMSL2/GMSL1 to CSI-2 Deserializer
Rev 2; 5/23
MAX96714 AD-MAX96714_V01 Datasheet
2Mb / 210P
Single GMSL2/GMSL1 to CSI-2 Deserializer
19-101134; Rev 2; 6/23
MAX96717 AD-MAX96717 Datasheet
6Mb / 235P
CSI-2 to GMSL2 Serializer
19-100942; Rev 4; 5/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com