Electronic Components Datasheet Search
  English  ▼

X  

UGUARD2804 Datasheet (PDF) - SMC Diode Solutions Co. LTD

UGUARD2804 Datasheet PDF - SMC Diode Solutions Co. LTD
Part # UGUARD2804
Download  UGUARD2804 Download
File Size   332.93 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description TVS Arrays

UGUARD2804 Datasheet (PDF)

Go To PDF Page Download Datasheet
UGUARD2804 Datasheet PDF - SMC Diode Solutions Co. LTD

Part # UGUARD2804
Download  UGUARD2804 Click to download

File Size   332.93 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description TVS Arrays

UGUARD2804 Datasheet (HTML) - SMC Diode Solutions Co. LTD


UGUARD2804 Product details

High ESD withstand Voltage: ±15kV (air), ±8kV
(contact) per IEC 61000-4-2
Multiple surge event capability (1000 events) per IEC
61000-4-2 Level 4
High peak power capability (120W)
Flow-through design minimizes parasitic inductance
for reduced voltage overshoot
Protects two line pairs
Low reverse “idle” current: 30nA typical (VR=2.8V)
Low variation in capacitance vs. bias voltage:
1.3pF Typical (VR = 0 to 2.8V)
Low working voltage: 2.8V
Solid-state silicon design – no inherent wear out
mechanism
Industry standard package footprint




Similar Part No. - UGUARD2804

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
UGU6A MOSPEC-UGU6A Datasheet
174Kb / 2P
6.0A ULTRA-FASTGLASS PASSIVATED BRIDGE RECTIFIER
UGU6B MOSPEC-UGU6B Datasheet
174Kb / 2P
6.0A ULTRA-FASTGLASS PASSIVATED BRIDGE RECTIFIER
UGU6D MOSPEC-UGU6D Datasheet
174Kb / 2P
6.0A ULTRA-FASTGLASS PASSIVATED BRIDGE RECTIFIER
UGU6G MOSPEC-UGU6G Datasheet
174Kb / 2P
6.0A ULTRA-FASTGLASS PASSIVATED BRIDGE RECTIFIER
UGU6J MOSPEC-UGU6J Datasheet
174Kb / 2P
6.0A ULTRA-FASTGLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - UGUARD2804

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0524P LITTELFUSE-SP0524P Datasheet
1Mb / 4P
TVS Diode Arrays
logo
Ruilongyuan Electronics...
RLDSON10A054LV RUILON-RLDSON10A054LV Datasheet
826Kb / 7P
TVS/ESD Arrays
RLS08A284LV RUILON-RLS08A284LV Datasheet
793Kb / 7P
TVS/ESD Arrays
RLSD32AXXXLC RUILON-RLSD32AXXXLC Datasheet
803Kb / 7P
TVS/ESD Arrays
RLSD92AXXXC RUILON-RLSD92AXXXC Datasheet
683Kb / 7P
TVS/ESD Arrays
RLST236AXXXV RUILON-RLST236AXXXV Datasheet
1Mb / 8P
TVS/ESD Arrays
RLS08A2.84LV RUILON-RLS08A2.84LV Datasheet
890Kb / 8P
TVS/ESD Arrays
RLST23A2.82LV RUILON-RLST23A2.82LV Datasheet
684Kb / 9P
TVS/ESD Arrays
RLST23A032-362V RUILON-RLST23A032-362V Datasheet
668Kb / 9P
TVS/ESD Arrays
logo
Semtech Corporation
RCLAMP3304NA SEMTECH-RCLAMP3304NA Datasheet
186Kb / 8P
3.3V TVS Arrays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com