Electronic Components Datasheet Search
  English  ▼

X  

5X25L Datasheet (PDF) - Belden Inc.

5X25L Datasheet PDF - Belden Inc.
Part # 5X25L
Download  5X25L Download
File Size   157.26 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ 350HH, 5C 25 mm² Str BC, PP Ins, LSZH Jkt

5X25L Datasheet (PDF)

Go To PDF Page Download Datasheet
5X25L Datasheet PDF - Belden Inc.

Part # 5X25L
Download  5X25L Click to download

File Size   157.26 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ 350HH, 5C 25 mm² Str BC, PP Ins, LSZH Jkt

5X25L Datasheet (HTML) - Belden Inc.


5X25L Product details

Product Description
MachFlex™ 350HH, 5 Conductor 25 mm² Stranded Bare Copper, PP Insulation, LSZH Jacket




Similar Part No. - 5X25L

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5X25 BELDEN-5X25 Datasheet
156Kb / 2P
MachFlex™ 350YY, 5C 25 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
5X25-010100M BELDEN-5X25-010100M Datasheet
156Kb / 2P
MachFlex™ 350YY, 5C 25 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
5X25-010200M BELDEN-5X25-010200M Datasheet
156Kb / 2P
MachFlex™ 350YY, 5C 25 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
5X25-010300M BELDEN-5X25-010300M Datasheet
156Kb / 2P
MachFlex™ 350YY, 5C 25 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
5X25-G8U100M BELDEN-5X25-G8U100M Datasheet
156Kb / 2P
MachFlex™ 350YY, 5C 25 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
More results


Similar Description - 5X25L

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7200A BELDEN-7200A Datasheet
236Kb / 3P
MachFlex?? 1 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7201A BELDEN-7201A Datasheet
238Kb / 3P
MachFlex?? 2 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7202A BELDEN-7202A Datasheet
241Kb / 3P
MachFlex?? 3 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7203A BELDEN-7203A Datasheet
248Kb / 3P
MachFlex?? 4 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
9740ZH BELDEN-9740ZH Datasheet
141Kb / 2P
Electronic, 2 C #18 Str TC, PP Ins, LSZH Jkt, CMG
05-05-2023
MRTA25P23U BELDEN-MRTA25P23U Datasheet
147Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 25 Pr 23 AWG Str TC, ETFE Ins, PVC Outer Jkt
02-07-2023
MRTA25P24U BELDEN-MRTA25P24U Datasheet
147Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 25 Pr 24 AWG Str TC, ETFE Ins, PVC Outer Jkt
02-07-2023
MRTA25P26U BELDEN-MRTA25P26U Datasheet
147Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 25 Pr 26 AWG Str TC, ETFE Ins, PVC Outer Jkt
02-07-2023
9535ELW BELDEN-9535ELW Datasheet
196Kb / 2P
RS-232, 5C #24 str TC, LSZH ins, OS, LSZH Jkt, Cca
03-14-2023
50441148U BELDEN-50441148U Datasheet
148Kb / 2P
Speaker Cable, 4C 4mm² Str BC, LSZH Jkt
11-09-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com