Electronic Components Datasheet Search
  English  ▼

X  

MAX16012 Datasheet (PDF) - Maxim Integrated Products

MAX16012 Datasheet PDF - Maxim Integrated Products
Part # MAX16012
Download  MAX16012 Download
File Size   202.48 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Small, Overvoltage Protection/Detection Circuits

MAX16012 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16012 Datasheet PDF - Maxim Integrated Products

Part # MAX16012
Download  MAX16012 Click to download

File Size   202.48 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Small, Overvoltage Protection/Detection Circuits

MAX16012 Datasheet (HTML) - Maxim Integrated Products


MAX16012 Product details

General Description

The MAX16010–MAX16014 is a family of ultra-small, low power, overvoltage protection circuits for high-voltage, high-transient systems such as those found in automotive, telecom, and industrial applications. These devices operate over a wide 5.5V to 72V supply voltage range, making

them also suitable for other applications such as battery stacks, notebook computers, and servers.

The MAX16010 and MAX16011 offer two independent comparators for monitoring both undervoltage and overvoltage conditions. These comparators offer open drain outputs capable of handling voltages up to 72V.

The MAX16010 features complementary enable inputs(EN/EN), while the MAX16011 features an active-high enable input and a selectable active-high/low OUTB output.



Features

♦Wide 5.5V to 72V Supply Voltage Range

♦Open-Drain Outputs Up to 72V(MAX16010/MAX16011/MAX16012)

♦Fast 2µs (max) Propagation Delay

♦Internal Undervoltage Lockout

♦p-Channel MOSFET Latches Off After an Overvoltage Condition (MAX16014)

♦Adjustable Overvoltage Threshold

♦-40°C to +125°C Operating Temperature Range

♦Small 3mm x 3mm TDFN Package



Applications

Automotive

Industrial

48V Telecom/Server/Networking

FireWire®

Notebook Computers

Multicell Battery-Stack Powered Equipment




Similar Part No. - MAX16012

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16012TT-T MAXIM-MAX16012TT-T Datasheet
189Kb / 12P
Ultra-Small, Overvoltage Protection/Detection Circuits
19-3693; Rev 4; 9/08
MAX16012TT-T MAXIM-MAX16012TT-T Datasheet
831Kb / 12P
Ultra-Small, Overvoltage Protection/Detection Circuits
2015
More results


Similar Description - MAX16012

ManufacturerPart #DatasheetDescription
logo
Power-One
QAS050ZG POWER-ONE-QAS050ZG Datasheet
87Kb / 3P
Overvoltage Protection
logo
ON Semiconductor
NCP346 ONSEMI-NCP346_06 Datasheet
361Kb / 15P
Overvoltage Protection IC
September, 2006 ??Rev. 6
logo
Maxim Integrated Produc...
MAX14529E MAXIM-MAX14529E Datasheet
197Kb / 9P
Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
MAX16010 MAXIM-MAX16010_08 Datasheet
189Kb / 12P
Ultra-Small, Overvoltage Protection/Detection Circuits
19-3693; Rev 4; 9/08
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
STMicroelectronics
STEVAL-ISA026V1 STMICROELECTRONICS-STEVAL-ISA026V1 Datasheet
91Kb / 4P
Overvoltage protection
10-Dec-2007
logo
Texas Instruments
TMUX1072 TI1-TMUX1072 Datasheet
388Kb / 21P
2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
TMUX1072 TI1-TMUX1072_18 Datasheet
993Kb / 26P
2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
logo
Maxim Integrated Produc...
MAX14529 MAXIM-MAX14529 Datasheet
266Kb / 9P
Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
MAX16010 MAXIM-MAX16010_V01 Datasheet
831Kb / 12P
Ultra-Small, Overvoltage Protection/Detection Circuits
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com