Electronic Components Datasheet Search
  English  ▼

X  

3.0SMCJ Datasheet (PDF) - SMC Diode Solutions Co. LTD

3.0SMCJ Datasheet PDF - SMC Diode Solutions Co. LTD
Part # 3.0SMCJ
Download  3.0SMCJ Download
File Size   431.83 Kbytes
Page   6 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

3.0SMCJ Datasheet (PDF)

Go To PDF Page Download Datasheet
3.0SMCJ Datasheet PDF - SMC Diode Solutions Co. LTD

Part # 3.0SMCJ
Download  3.0SMCJ Click to download

File Size   431.83 Kbytes
Page   6 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

3.0SMCJ Datasheet (HTML) - SMC Diode Solutions Co. LTD


3.0SMCJ Product details

Glass Passivated Die Construction
3000W Peak Pulse Power Dissipation
5.0V- 170V Standoff Voltage
Uni- and Bi-Directional Versions Available
Excellent Clamping Apability
Fast Response Time
Plastic Ase Material has UL Flammability
ClassifiAtion Rating 94V-O
“-A” is an AEC-Q101 qualified device
This is a Pb − Free Device
All SMC Parts are Traceable to the Wafer Lot
Additional testing An be offered upon request




Similar Part No. - 3.0SMCJ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
3.0SMCJ TSC-3.0SMCJ Datasheet
73Kb / 4P
Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
3.0SMCJ PANJIT-3.0SMCJ Datasheet
112Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
3.0SMCJ CHENG-YI-3.0SMCJ Datasheet
118Kb / 2P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
3.0SMCJ WEITRON-3.0SMCJ Datasheet
330Kb / 4P
3000W Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
3.0SMCJ LUGUANG-3.0SMCJ Datasheet
216Kb / 4P
3000W peak pulse power capability with 10/1000關s waveform
More results


Similar Description - 3.0SMCJ

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com