Electronic Components Datasheet Search
  English  ▼

X  

20KPA Datasheet (PDF) - SMC Diode Solutions Co. LTD

20KPA Datasheet PDF - SMC Diode Solutions Co. LTD
Part # 20KPA
Download  20KPA Download
File Size   411.75 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR

20KPA Datasheet (PDF)

Go To PDF Page Download Datasheet
20KPA Datasheet PDF - SMC Diode Solutions Co. LTD

Part # 20KPA
Download  20KPA Click to download

File Size   411.75 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR

20KPA Datasheet (HTML) - SMC Diode Solutions Co. LTD


20KPA Product details

Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Glass Passivated Junction
20000W Peak Pulse Power Capability on 10/1000 μs
waveform
Voltage-20.0 to 300 Volts
Excellent Clamping Capability
Repetition rate (duty cycle): 0.05%
Low incremental surge resistance
Fast Response Time: typically less than 1.0 ps from
volts to BV
High temperature soldering guaranteed: 265℃/10
seconds/.375”, (9.5mm) lead length, 5lbs., (2.3kg) tension
This is a Pb − Free Device
All SMC Parts are Traceable to the Wafer Lot
Additional testing can be offered upon request




Similar Part No. - 20KPA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
20KPA LITTELFUSE-20KPA Datasheet
131Kb / 5P
Transient Voltage Suppression Diodes
logo
MERITEK ELECTRONICS COR...
20KPA MERITEK-20KPA Datasheet
501Kb / 4P
Transient Voltage Suppressors
logo
Ruilongyuan Electronics...
20KPA RUILON-20KPA Datasheet
873Kb / 7P
Transient Voltage Suppressors
logo
StarHope
20KPA SPSEMI-20KPA Datasheet
616Kb / 3P
CLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPRESSOR STAND-OFF VOLTAGE-20 TO 300 Volts
logo
Sangdest Microelectroni...
20KPA SMC-20KPA Datasheet
220Kb / 5P
GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 20KPA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5KE6.8 PANJIT-1.5KE6.8 Datasheet
87Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE PANJIT-P4KE_07 Datasheet
85Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE PANJIT-P6KE_07 Datasheet
85Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
20KPA20A SMC-20KPA20A Datasheet
214Kb / 5P
GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
logo
Zowie Technology Corpor...
P6KE ZOWIE-P6KE Datasheet
83Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Yea Shin Technology Co....
P4KE YEASHIN-P4KE_15 Datasheet
1Mb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
20KPA20A MDE-20KPA20A_13 Datasheet
81Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
30KPA28A MDE-30KPA28A_13 Datasheet
83Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
20KPA SMC-20KPA Datasheet
220Kb / 5P
GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
ICTE5.0 NJSEMI-ICTE5.0 Datasheet
158Kb / 2P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com