Electronic Components Datasheet Search
  English  ▼

X  

1934683 Datasheet (PDF) - PHOENIX CONTACT

1934683 Datasheet PDF - PHOENIX CONTACT
Part # 1934683
Download  1934683 Download
File Size   239.78 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFK3DSA 1,5-5,08-15 - PCB terminal block

1934683 Datasheet (PDF)

Go To PDF Page Download Datasheet
1934683 Datasheet PDF - PHOENIX CONTACT

Part # 1934683
Download  1934683 Click to download

File Size   239.78 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFK3DSA 1,5-5,08-15 - PCB terminal block

1934683 Datasheet (HTML) - PHOENIX CONTACT


1934683 Product details

PCB terminal block, nominal current: 12 A, rated voltage (III/2): 400 V, nominal cross section: 1.5
mm2, number of potentials: 45, number of rows: 3, number of positions per row: 15, product
range: ZFK3DS(A) 1,5, pitch: 5.08 mm, connection method: Spring-cage connection, mounting:
Wave soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 3.4 mm, number of solder pins per potential: 1, type of packaging:
packed in cardboard

Your advantages
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Conductor connection on several levels enables higher contact density
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1934683

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1934600000 WEIDMULLER-1934600000 Datasheet
418Kb / 5P
SL-SMT 3.50/05/180G 3.2SN BK RL
logo
PHOENIX CONTACT
1934609 PHOENIX-1934609 Datasheet
71Kb / 7P
PCB terminal block - SMKDS 2,5/12-5,08 BDNZ:3A02
logo
Weidmuller
1934610000 WEIDMULLER-1934610000 Datasheet
489Kb / 5P
SL-SMT 3.50/06/180G 3.2SN BK RL
logo
PHOENIX CONTACT
1934612 PHOENIX-1934612 Datasheet
50Kb / 2P
Pitch spacer - RZ-ZFKKDS 2,5
09/12/2020
logo
Weidmuller
1934620000 WEIDMULLER-1934620000 Datasheet
419Kb / 5P
SL-SMT 3.50/07/180G 3.2SN BK RL
More results


Similar Description - 1934683

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1704554 PHOENIX-1704554 Datasheet
59Kb / 4P
PCB terminal block - ZFK3DSA 1,5-6,08
1706753 PHOENIX-1706753 Datasheet
154Kb / 8P
PCB terminal block - MKDSN 1,5/15-5,08
1868788 PHOENIX-1868788 Datasheet
43Kb / 2P
PCB terminal block - ZFK3DSA 1,5-6,08 KMGY
1890455 PHOENIX-1890455 Datasheet
43Kb / 2P
PCB terminal block - ZFK3DSA 1,5-6,08 BK(BC)
1891292 PHOENIX-1891292 Datasheet
49Kb / 3P
PCB terminal block - ZFK3DSA 1,5-5,08- 2
1907940 PHOENIX-1907940 Datasheet
43Kb / 2P
PCB terminal block - ZFK3DSA 1,5-6,08 BK
1991684 PHOENIX-1991684 Datasheet
42Kb / 2P
PCB terminal block - ZFK3DSA 1,5-5,08-16
1706167 PHOENIX-1706167 Datasheet
80Kb / 5P
PCB terminal block - ZFK3DSA 1,5-5,08-DS
09/11/2020
1891315 PHOENIX-1891315 Datasheet
240Kb / 8P
ZFK3DSA 1,5-5,08- 4 - PCB terminal block
1991671 PHOENIX-1991671 Datasheet
251Kb / 8P
ZFK3DSA 1,5-5,08-12 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com