Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC32ABQAR Datasheet (PDF) - Texas Instruments

SN74LVC32ABQAR Datasheet PDF - Texas Instruments
Part # SN74LVC32ABQAR
Download  SN74LVC32ABQAR Download
File Size   2697.07 Kbytes
Page   38 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SNx4LVC32A Quadruple 2-Input Positive-OR Gates

SN74LVC32ABQAR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC32ABQAR Datasheet PDF - Texas Instruments

Part # SN74LVC32ABQAR
Download  SN74LVC32ABQAR Click to download

File Size   2697.07 Kbytes
Page   38 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SNx4LVC32A Quadruple 2-Input Positive-OR Gates

SN74LVC32ABQAR Datasheet (HTML) - Texas Instruments


SN74LVC32ABQAR Product details

1 Features
• Operate from 1.65V to 3.6V
• Specified from –40°C to +85°C,
–40°C to +125°C, and –55°C to +125°C
• Inputs accept voltages to 5.5V
• Max tpd of 3.8ns at 3.3V
• Typical VOLP (output ground bounce)
< 0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot)
> 2V at VCC = 3.3V, TA = 25°C
• Latch-up performance exceeds 250mA
per JESD 17
• On products compliant to MIL-PRF-38535,
all parameters are tested unless otherwise noted.
On all other products, production processing does
not necessarily include testing of all parameters.
• ESD protection exceeds JESD 22
– 2000V human-body model
– 1000V charged-device model

2 Applications
• AV Receivers
• Audio Docks: Portable
• Blu-ray Players and Home Theater
• MP3 Players or Recorders
• Personal Digital Assistant (PDA)
• Power: Telecom/Server AC/DC Supply: Single
Controller: Analog and Digital
• Solid State Drives (SSDs): Client and Enterprise
• TVs: LCD, Digital, and High-Definition (HDTV)
• Tablets: Enterprise
• Video Analytics: Server
• Wireless Headsets, Keyboards, and Mice

3 Description
The SN54LVC32A quadruple 2-input positive-OR gate
is designed for 2.7V to 3.6V VCC operation, and the
SN74LVC32A quadruple 2-input positive-OR gate is
designed for 1.65V to 3.6V VCC operation.
The SNx4LVC32A devices perform the Boolean
function Y  AB or Y  A • B in positive logic.
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of these devices as
translators in a mixed 3.3V/5V system environment.




Similar Part No. - SN74LVC32ABQAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC32A TI-SN74LVC32A Datasheet
526Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LVC32A TI-SN74LVC32A Datasheet
789Kb / 21P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LVC32A TI1-SN74LVC32A Datasheet
1Mb / 22P
SN74LVC32A-Q1 Automotive Quadruple 2-Input Positive-OR Gate
MARCH 2024
SN74LVC32A-EP TI1-SN74LVC32A-EP Datasheet
559Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LVC32A-EP TI1-SN74LVC32A-EP Datasheet
1Mb / 22P
SN74LVC32A-Q1 Automotive Quadruple 2-Input Positive-OR Gate
MARCH 2024
More results


Similar Description - SN74LVC32ABQAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54AHC32 TI-SN54AHC32_07 Datasheet
1Mb / 32P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN5432 TI-SN5432_98 Datasheet
252Kb / 7P
QUADRUPLE 2-INPUT POSITIVE OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com