Electronic Components Datasheet Search
  English  ▼

X  

1939468 Datasheet (PDF) - PHOENIX CONTACT

1939468 Datasheet PDF - PHOENIX CONTACT
Part # 1939468
Download  1939468 Download
File Size   626.72 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GFKC 2,5/ 7-ST-7,5 - PCB connector

1939468 Datasheet (PDF)

Go To PDF Page Download Datasheet
1939468 Datasheet PDF - PHOENIX CONTACT

Part # 1939468
Download  1939468 Click to download

File Size   626.72 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GFKC 2,5/ 7-ST-7,5 - PCB connector

1939468 Datasheet (HTML) - PHOENIX CONTACT


1939468 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 630 V, contact surface: Tin, contact connection type: Socket, number of potentials:
7, number of rows: 1, number of positions: 7, number of connections: 7, product range: GFKC
2,5/..-ST, pitch: 7.5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Larger pitch for increased voltage requirements
• Intuitive operation due to color-coded actuating push button
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1939468

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1939403-1 TEC-1939403-1 Datasheet
8Mb / 80P
MULTILOCK Connector System
4-2010.
logo
PHOENIX CONTACT
1939413 PHOENIX-1939413 Datasheet
595Kb / 14P
PCB connector - GFKC 2,5/ 2-ST-7,5
Jan 10, 2023
1939426 PHOENIX-1939426 Datasheet
595Kb / 14P
PCB connector - GFKC 2,5/ 3-ST-7,5
Jan 5, 2023
1939439 PHOENIX-1939439 Datasheet
630Kb / 16P
GFKC 2,5/ 4-ST-7,5 - PCB connector
1939442 PHOENIX-1939442 Datasheet
631Kb / 16P
GFKC 2,5/ 5-ST-7,5 - PCB connector
More results


Similar Description - 1939468

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1704558 PHOENIX-1704558 Datasheet
69Kb / 3P
GFKC 2,5/ 3-ST-7,5 BD:11-14
1704559 PHOENIX-1704559 Datasheet
69Kb / 3P
GFKC 2,5/ 3-ST-7,5 BD:21-24
1704560 PHOENIX-1704560 Datasheet
70Kb / 3P
GFKC 2,5/ 2-ST-7,5 BD:E,KE
1939578 PHOENIX-1939578 Datasheet
80Kb / 5P
Printed-circuit board connector - GFKC 2,5/ 7-STF-7,5
1939507 PHOENIX-1939507 Datasheet
183Kb / 10P
Printed-circuit board connector - GFKC 2,5/11-ST-7,5
09/12/2020
1939413 PHOENIX-1939413 Datasheet
595Kb / 14P
PCB connector - GFKC 2,5/ 2-ST-7,5
Jan 10, 2023
1939426 PHOENIX-1939426 Datasheet
595Kb / 14P
PCB connector - GFKC 2,5/ 3-ST-7,5
Jan 5, 2023
1939455 PHOENIX-1939455 Datasheet
595Kb / 14P
PCB connector - GFKC 2,5/ 6-ST-7,5
Jan 5, 2023
1939646 PHOENIX-1939646 Datasheet
577Kb / 14P
PCB connector - GFKC 2,5/ 3-ST-7,62
Jan 5, 2023
1939442 PHOENIX-1939442 Datasheet
631Kb / 16P
GFKC 2,5/ 5-ST-7,5 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com