Electronic Components Datasheet Search
  English  ▼

X  

1738940 Datasheet (PDF) - PHOENIX CONTACT

1738940 Datasheet PDF - PHOENIX CONTACT
Part # 1738940
Download  1738940 Download
File Size   461.14 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FMCD 1,5/16-ST-3,5 - Printed-circuit board connector

1738940 Datasheet (PDF)

Go To PDF Page Download Datasheet
1738940 Datasheet PDF - PHOENIX CONTACT

Part # 1738940
Download  1738940 Click to download

File Size   461.14 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FMCD 1,5/16-ST-3,5 - Printed-circuit board connector

1738940 Datasheet (HTML) - PHOENIX CONTACT


1738940 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Socket, number of potentials: 32,
number of rows: 2, number of positions: 16, number of connections: 32, product range: FMCD
1,5/..-ST, pitch: 3.5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, plug-in system: COMBICON MC 1,5, locking: without, mounting:
without, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Operation and conductor connection from one direction enable integration into front of device




Similar Part No. - 1738940

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1738940000 WEIDMULLER-1738940000 Datasheet
742Kb / 22P
Cable glands
More results


Similar Description - 1738940

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1738814 PHOENIX-1738814 Datasheet
85Kb / 4P
Printed-circuit board connector - FMCD 1,5/ 3-ST-3,5
1738827 PHOENIX-1738827 Datasheet
124Kb / 7P
Printed-circuit board connector - FMCD 1,5/ 4-ST-3,5
1738830 PHOENIX-1738830 Datasheet
84Kb / 5P
Printed-circuit board connector - FMCD 1,5/ 5-ST-3,5
1738898 PHOENIX-1738898 Datasheet
84Kb / 5P
Printed-circuit board connector - FMCD 1,5/11-ST-3,5
1738908 PHOENIX-1738908 Datasheet
84Kb / 5P
Printed-circuit board connector - FMCD 1,5/12-ST-3,5
1738911 PHOENIX-1738911 Datasheet
81Kb / 4P
Printed-circuit board connector - FMCD 1,5/13-ST-3,5
1738924 PHOENIX-1738924 Datasheet
81Kb / 4P
Printed-circuit board connector - FMCD 1,5/14-ST-3,5
1738937 PHOENIX-1738937 Datasheet
81Kb / 4P
Printed-circuit board connector - FMCD 1,5/15-ST-3,5
1738843 PHOENIX-1738843 Datasheet
489Kb / 13P
Printed-circuit board connector - FMCD 1,5/ 6-ST-3,5
1738885 PHOENIX-1738885 Datasheet
488Kb / 13P
FMCD 1,5/10-ST-3,5 - Printed-circuit board connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com