Electronic Components Datasheet Search
  English  ▼

X  

1700651 Datasheet (PDF) - PHOENIX CONTACT

1700651 Datasheet PDF - PHOENIX CONTACT
Part # 1700651
Download  1700651 Download
File Size   232.8 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FFKDSA1/V2-5,08- 4 - PCB terminal block

1700651 Datasheet (PDF)

Go To PDF Page Download Datasheet
1700651 Datasheet PDF - PHOENIX CONTACT

Part # 1700651
Download  1700651 Click to download

File Size   232.8 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FFKDSA1/V2-5,08- 4 - PCB terminal block

1700651 Datasheet (HTML) - PHOENIX CONTACT


1700651 Product details

PCB terminal block, nominal current: 15 A, rated voltage (III/2): 400 V, nominal cross section: 1.5
mm2, number of potentials: 4, number of rows: 1, number of positions per row: 4, product range:
FFKDS(A)/V2, pitch: 5.08 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 3.4 mm, number of solder pins per potential: 2, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Operation and conductor connection from one direction enable integration into front of device
• Two solder pins reduce the mechanical strain on the soldering spots
• The latching on the side enables various numbers of positions to be combined
• Vertical connection enables multi-row arrangement on the PCB




Similar Part No. - 1700651

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700657 PHOENIX-1700657 Datasheet
190Kb / 10P
Printed-circuit board connector - PC 16/ 3-ST-10,16 BD:R,Y,B
1700659 PHOENIX-1700659 Datasheet
52Kb / 3P
Printed-circuit board connector - GMSTBA 2,5 HC/ 4-G-7,62 BK
More results


Similar Description - 1700651

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1731718 PHOENIX-1731718 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08-24
1751604 PHOENIX-1751604 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08-14
1789113 PHOENIX-1789113 Datasheet
111Kb / 6P
PCB terminal block - FFKDSA1/V1-5,08- 4
1791282 PHOENIX-1791282 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/H1-5,08- 4
1791790 PHOENIX-1791790 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08- 8
1890154 PHOENIX-1890154 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V2-5,08- 7
1890167 PHOENIX-1890167 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V2-5,08- 3
1907348 PHOENIX-1907348 Datasheet
120Kb / 5P
PCB terminal block - FFKDSA1/H1-5,08- 3
1930771 PHOENIX-1930771 Datasheet
45Kb / 2P
PCB terminal block - FFKDSA1/ V2-5,08-16
1700677 PHOENIX-1700677 Datasheet
238Kb / 8P
FFKDSA1/V2-5,08- 8 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com