Electronic Components Datasheet Search
  English  ▼

X  

1700428 Datasheet (PDF) - PHOENIX CONTACT

1700428 Datasheet PDF - PHOENIX CONTACT
Part # 1700428
Download  1700428 Download
File Size   235.93 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FFKDSA1/V-3,81-16 - PCB terminal block

1700428 Datasheet (PDF)

Go To PDF Page Download Datasheet
1700428 Datasheet PDF - PHOENIX CONTACT

Part # 1700428
Download  1700428 Click to download

File Size   235.93 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FFKDSA1/V-3,81-16 - PCB terminal block

1700428 Datasheet (HTML) - PHOENIX CONTACT


1700428 Product details

PCB terminal block, nominal current: 12 A, rated voltage (III/2): 160 V, nominal cross section: 1
mm2, number of potentials: 16, number of rows: 1, number of positions per row: 16, product
range: FFKDS(A) 1,5/..-V, pitch: 3.81 mm, connection method: Push-in spring connection,
mounting: Wave soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout:
Linear pinning, Solder pin [P]: 3.4 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Operation and conductor connection from one direction enable integration into front of device
• Two solder pins reduce the mechanical strain on the soldering spots
• The latching on the side enables various numbers of positions to be combined
• Vertical connection enables multi-row arrangement on the PCB




Similar Part No. - 1700428

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700420 PHOENIX-1700420 Datasheet
505Kb / 11P
MSTB 2,5 HC/ 8-STF-5,08 BK BDWH:NZ - PCB connector
logo
List of Unclassifed Man...
1700420000 ETC2-1700420000 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results


Similar Description - 1700428

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1705252 PHOENIX-1705252 Datasheet
57Kb / 4P
PCB terminal block - FFKDSA1/V-3,81- 8
1706992 PHOENIX-1706992 Datasheet
57Kb / 4P
PCB terminal block - FFKDSA1/V-3,81-12
1707441 PHOENIX-1707441 Datasheet
57Kb / 4P
PCB terminal block - FFKDSA1/V-3,81-19
1724916 PHOENIX-1724916 Datasheet
55Kb / 4P
PCB terminal block - FFKDSA1/V-3,81- 4
1869363 PHOENIX-1869363 Datasheet
63Kb / 4P
PCB terminal block - FFKDSA1/H-3,81- 2
1870187 PHOENIX-1870187 Datasheet
55Kb / 4P
PCB terminal block - FFKDSA1/V-3,81- 6
1890015 PHOENIX-1890015 Datasheet
56Kb / 4P
PCB terminal block - FFKDSA1/V-3,81-17
1890471 PHOENIX-1890471 Datasheet
56Kb / 4P
PCB terminal block - FFKDSA1/V-3,81- 2
1890484 PHOENIX-1890484 Datasheet
56Kb / 4P
PCB terminal block - FFKDSA1/V-3,81- 3
1789074 PHOENIX-1789074 Datasheet
141Kb / 9P
PCB terminal block - FFKDSA1/V-2,54-16
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com