Electronic Components Datasheet Search
  English  ▼

X  

1837022 Datasheet (PDF) - PHOENIX CONTACT

1837022 Datasheet PDF - PHOENIX CONTACT
Part # 1837022
Download  1837022 Download
File Size   521.06 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCVA 2,5/ 2-G P20 THR - PCB header

1837022 Datasheet (PDF)

Go To PDF Page Download Datasheet
1837022 Datasheet PDF - PHOENIX CONTACT

Part # 1837022
Download  1837022 Click to download

File Size   521.06 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCVA 2,5/ 2-G P20 THR - PCB header

1837022 Datasheet (HTML) - PHOENIX CONTACT


1837022 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 2, number
of rows: 1, number of positions: 2, number of connections: 2, product range: CCVA 2,5/..-G,
pitch: 5 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 2 mm, number
of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector pattern
alignment: Standard, locking: without, mounting: without, type of packaging: packed in
cardboard, For user information and design recommendations for through-hole reflow
technology, go to: Downloads

Your advantages
• Designed for integration into the SMT soldering process
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Closed contour for optimum stability of the plug-in connection




Similar Part No. - 1837022

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1837020000 WEIDMULLER-1837020000 Datasheet
86Kb / 6P
PCB connection systems
1837020000 WEIDMULLER-1837020000 Datasheet
86Kb / 6P
PCB connection systems
1837020000 WEIDMULLER-1837020000 Datasheet
594Kb / 7P
BCZ 3.81/07/180F SN BK BX
More results


Similar Description - 1837022

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1837035 PHOENIX-1837035 Datasheet
228Kb / 11P
CCVA 2,5/ 3-G P20 THR
1837048 PHOENIX-1837048 Datasheet
283Kb / 12P
CCVA 2,5/ 4-G P20 THR
1837077 PHOENIX-1837077 Datasheet
320Kb / 9P
Printed-circuit board connector - CCVA 2,5/ 7-G P20 THR
02/04/2022
1085839 PHOENIX-1085839 Datasheet
689Kb / 19P
PCB header - CCVA 2,5/ 4-G P26 THR R56
Jul 20, 2022
1087676 PHOENIX-1087676 Datasheet
667Kb / 18P
PCB header - CCVA 2,5/ 3-G P26 THR R32
Jul 21, 2022
1107088 PHOENIX-1107088 Datasheet
629Kb / 18P
PCB header - CCVA 2,5/ 2-G P26 THR R32
Jan 3, 2023
1836340 PHOENIX-1836340 Datasheet
342Kb / 11P
PCB header - CCA 2,5/ 2-G P20 THR
Jan 4, 2023
1837080 PHOENIX-1837080 Datasheet
630Kb / 19P
CCVA 2,5/ 8-G P20 THR - PCB header
1837103 PHOENIX-1837103 Datasheet
607Kb / 18P
CCVA 2,5/10-G P20 THR - PCB header
1837064 PHOENIX-1837064 Datasheet
631Kb / 18P
CCVA 2,5/ 6-G P20 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com