Electronic Components Datasheet Search
  English  ▼

X  

1766741 Datasheet (PDF) - PHOENIX CONTACT

1766741 Datasheet PDF - PHOENIX CONTACT
Part # 1766741
Download  1766741 Download
File Size   502.48 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMSTBVA 2,5/10-G - PCB header

1766741 Datasheet (PDF)

Go To PDF Page Download Datasheet
1766741 Datasheet PDF - PHOENIX CONTACT

Part # 1766741
Download  1766741 Click to download

File Size   502.48 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMSTBVA 2,5/10-G - PCB header

1766741 Datasheet (HTML) - PHOENIX CONTACT


1766741 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 630 V, contact surface: Tin, contact connection type: Pin, number of potentials: 10,
number of rows: 1, number of positions: 10, number of connections: 10, product range:
GMSTBVA 2,5/..-G, pitch: 7.5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder
pin [P]: 3.9 mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5,
Pin connector pattern alignment: Standard, locking: without, mounting: without, type of
packaging: packed in cardboard

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Well-known mounting principle allows worldwide use
• Larger pitch for increased voltage requirements
• Closed contour for optimum stability of the plug-in connection
• Vertical connection enables multi-row arrangement on the PCB




Similar Part No. - 1766741

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1766709 PHOENIX-1766709 Datasheet
146Kb / 5P
GMVSTBW 2,5/ 6-ST
1766712 PHOENIX-1766712 Datasheet
528Kb / 14P
PCB header - GMSTBVA 2,5/ 7-G
Jan 3, 2023
1766725 PHOENIX-1766725 Datasheet
88Kb / 5P
Base strip - GMSTBVA 2,5/ 8-G
1766738 PHOENIX-1766738 Datasheet
90Kb / 6P
Base strip - GMSTBVA 2,5/ 9-G
1766754 PHOENIX-1766754 Datasheet
67Kb / 4P
Base strip - GMSTBVA 2,5/11-G
More results


Similar Description - 1766741

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1766660 PHOENIX-1766660 Datasheet
140Kb / 5P
GMSTBVA 2,5/ 2-G
1766686 PHOENIX-1766686 Datasheet
89Kb / 5P
Base strip - GMSTBVA 2,5/ 4-G
1766725 PHOENIX-1766725 Datasheet
88Kb / 5P
Base strip - GMSTBVA 2,5/ 8-G
1766770 PHOENIX-1766770 Datasheet
141Kb / 5P
GMSTBVA 2,5/ 2-G-7,62
1766699 PHOENIX-1766699 Datasheet
140Kb / 5P
GMSTBVA 2,5/ 5-G
1766712 PHOENIX-1766712 Datasheet
528Kb / 14P
PCB header - GMSTBVA 2,5/ 7-G
Jan 3, 2023
1828993 PHOENIX-1828993 Datasheet
933Kb / 16P
PCB header - GICV 2,5/10-G-7,62
Jan 4, 2023
1842144 PHOENIX-1842144 Datasheet
630Kb / 18P
PCB header - MDSTBA 2,5/10-G-5,08
Jan 3, 2023
1766424 PHOENIX-1766424 Datasheet
419Kb / 13P
PCB header - GMSTBA 2,5/10-G
1767979 PHOENIX-1767979 Datasheet
358Kb / 11P
PCB header - GMSTBVA 2,5 HC/ 3-G-7,62
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com