Electronic Components Datasheet Search
  English  ▼

X  

1408823 Datasheet (PDF) - PHOENIX CONTACT

1408823 Datasheet PDF - PHOENIX CONTACT
Part # 1408823
Download  1408823 Download
File Size   518.96 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P- 1,0-PUR/M12FST - Power cable

1408823 Datasheet (PDF)

Go To PDF Page Download Datasheet
1408823 Datasheet PDF - PHOENIX CONTACT

Part # 1408823
Download  1408823 Click to download

File Size   518.96 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P- 1,0-PUR/M12FST - Power cable

1408823 Datasheet (HTML) - PHOENIX CONTACT


1408823 Product details

Power cable, 4-position, PUR halogen-free, black-gray RAL 7021, free cable end, on Socket
straight M12, coding: T, cable length: 1 m, For direct current up to 12 A/63 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against incorrect connection using special T-coding
• Our standard: robust halogen-free PUR cable




Similar Part No. - 1408823

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408820 PHOENIX-1408820 Datasheet
559Kb / 18P
SAC-4P-M12MRT/ 5,0-PUR - Power cable
1408822 PHOENIX-1408822 Datasheet
559Kb / 18P
SAC-4P-M12MRT/10,0-PUR - Power cable
1408824 PHOENIX-1408824 Datasheet
549Kb / 18P
SAC-4P- 2,0-PUR/M12FST - Power cable
1408825 PHOENIX-1408825 Datasheet
549Kb / 18P
SAC-4P- 5,0-PUR/M12FST - Power cable
1408826 PHOENIX-1408826 Datasheet
549Kb / 18P
SAC-4P-10,0-PUR/M12FST - Power cable
More results


Similar Description - 1408823

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400422 PHOENIX-1400422 Datasheet
96Kb / 6P
Sensor/Actuator cable - SAC-4P- 1,0-PUR/M12FR
1415196 PHOENIX-1415196 Datasheet
103Kb / 5P
Power cable - SAC-4P-MRT/ 1,0-PUR/FRT SCO
1012044 PHOENIX-1012044 Datasheet
68Kb / 4P
Power cable - SAC-4P-M12MST/3,5-PUR/M12FST
1415343 PHOENIX-1415343 Datasheet
66Kb / 4P
Power cable - SAC-4P-20,0-PUR/M12FST SH
1421499 PHOENIX-1421499 Datasheet
68Kb / 4P
Power cable - SAC-4P-50,0-PUR/M12FST
1423650 PHOENIX-1423650 Datasheet
65Kb / 4P
Power cable - SAC-4P-M12MSS/3,0-PUR/FSSPESH
1423665 PHOENIX-1423665 Datasheet
65Kb / 4P
Power cable - SAC-4P-M12MSS/10,5-PUR/FSSPESH
1408813 PHOENIX-1408813 Datasheet
142Kb / 9P
Power cable - SAC-4P-M12MST/ 2,0-PUR
09/11/2020
1408848 PHOENIX-1408848 Datasheet
157Kb / 11P
Power cable - SAC-4P- 1,0-PUR/M12FRS PE
09/11/2020
1424122 PHOENIX-1424122 Datasheet
155Kb / 9P
Power cable - SAC-4P-M12MST/ 5,0-PUR SH
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com