Electronic Components Datasheet Search
  English  ▼

X  

1244879 Datasheet (PDF) - PHOENIX CONTACT

1244879 Datasheet PDF - PHOENIX CONTACT
Part # 1244879
Download  1244879 Download
File Size   515.31 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SB-8EPSA8A9L33SX - Coupler connector

1244879 Datasheet (PDF)

Go To PDF Page Download Datasheet
1244879 Datasheet PDF - PHOENIX CONTACT

Part # 1244879
Download  1244879 Click to download

File Size   515.31 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SB-8EPSA8A9L33SX - Coupler connector

1244879 Datasheet (HTML) - PHOENIX CONTACT


1244879 Product details

M40, Coupler connector, series: SB, straight long, shielded: yes, for standard and SPEEDCON
interlock, No. of pos.: 8+4+PE, Direction of rotation: Standard, contact connection type: Pin,
Crimp connection, cable diameter range: 14 mm ... 20.5 mm, coding: Signal, coding 1, Item is
lead-free in accordance with RoHS II without Exemption 6c (Pb <0.1%)

Your advantages
• All housing can be fitted with pin or socket contacts
• A total of eight contacts are available for signal transmission
• Mechanical coding reliably prevents incorrect connections
• Safe use in the field, thanks to high degree of protection
• Consistent EMC protection for reliable connection solutions in the industrial environment




Similar Part No. - 1244879

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1244870 PHOENIX-1244870 Datasheet
646Kb / 17P
SB-8ESCA8A9L34SX - Coupler connector
1244872 PHOENIX-1244872 Datasheet
545Kb / 14P
SB-8ESSA8A9L32SX - Coupler connector
1244873 PHOENIX-1244873 Datasheet
543Kb / 14P
SB-8ESSA8A9L33SX - Coupler connector
1244874 PHOENIX-1244874 Datasheet
538Kb / 15P
SB-8ESSA8A9L34SX - Coupler connector
1244875 PHOENIX-1244875 Datasheet
613Kb / 18P
SB-8EPCA8A9L32SX - Coupler connector
More results


Similar Description - 1244879

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1623339 PHOENIX-1623339 Datasheet
352Kb / 10P
Coupler connector - SB-8ESCA8A9L32S
02/04/2022
1623358 PHOENIX-1623358 Datasheet
353Kb / 10P
Coupler connector - SB-8EPCA8A9L34S
02/04/2022
1623360 PHOENIX-1623360 Datasheet
340Kb / 8P
Coupler connector - SB-8EPSA8A9L33S
02/04/2022
1623688 PHOENIX-1623688 Datasheet
391Kb / 8P
Cable connector - SB-8ESSD8A8L34S
02/04/2022
1623701 PHOENIX-1623701 Datasheet
352Kb / 9P
Coupler connector - SB-8ESCD8A9L32S
02/04/2022
1623705 PHOENIX-1623705 Datasheet
341Kb / 8P
Coupler connector - SB-8ESSD8A9L33S
02/04/2022
1623714 PHOENIX-1623714 Datasheet
335Kb / 8P
Coupler connector - SB-8EPSD8A9L33S
02/04/2022
1623715 PHOENIX-1623715 Datasheet
335Kb / 8P
Coupler connector - SB-8EPSD8A9L34S
02/04/2022
1623361 PHOENIX-1623361 Datasheet
643Kb / 18P
SB-8EPSA8A9L34S - Coupler connector
1623357 PHOENIX-1623357 Datasheet
737Kb / 20P
SB-8EPCA8A9L33S - Coupler connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com