Electronic Components Datasheet Search
  English  ▼

X  

1990177 Datasheet (PDF) - PHOENIX CONTACT

1990177 Datasheet PDF - PHOENIX CONTACT
Part # 1990177
Download  1990177 Download
File Size   408.09 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTSA 0,5/19-2,5-Z - PCB terminal block

1990177 Datasheet (PDF)

Go To PDF Page Download Datasheet
1990177 Datasheet PDF - PHOENIX CONTACT

Part # 1990177
Download  1990177 Click to download

File Size   408.09 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTSA 0,5/19-2,5-Z - PCB terminal block

1990177 Datasheet (HTML) - PHOENIX CONTACT


1990177 Product details

PCB terminal block, nominal current: 2 A, rated voltage (III/2): 250 V, nominal cross section: 0.5
mm2, number of potentials: 19, number of rows: 1, number of positions per row: 19, product
range: PTSA 0,5, pitch: 2.5 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Zigzag pinning M,
Solder pin [P]: 3.6 mm, number of solder pins per potential: 1, type of packaging: packed in
cardboard. Offset soldering legs, two-rowed

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Angled connection enables multi-row arrangement on the PCB




Similar Part No. - 1990177

ManufacturerPart #DatasheetDescription
logo
DESCO INDUSTRIES INC
19901 DESCO-19901 Datasheet
313Kb / 1P
MAGSNAP 360™ DUAL-WIRE METAL EXPANSION WRISTBAND
February 2019
logo
PHOENIX CONTACT
1990106 PHOENIX-1990106 Datasheet
342Kb / 9P
PCB terminal block - PTSA 0,5/12-2,5-Z
logo
Weidmuller
1990120000 WEIDMULLER-1990120000 Datasheet
409Kb / 7P
BLZP 5.08HC/12/180F SN BK BX TB
logo
PHOENIX CONTACT
1990122 PHOENIX-1990122 Datasheet
130Kb / 9P
PCB terminal block - PTSA 0,5/14-2,5-Z
09/12/2020
1990135 PHOENIX-1990135 Datasheet
342Kb / 9P
PCB terminal block - PTSA 0,5/15-2,5-Z
More results


Similar Description - 1990177

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1989913 PHOENIX-1989913 Datasheet
83Kb / 5P
PCB terminal block - PTSA 0,5/19-2,5-F
1990180 PHOENIX-1990180 Datasheet
135Kb / 8P
PCB terminal block - PTSA 0,5/20-2,5-Z
1990203 PHOENIX-1990203 Datasheet
134Kb / 8P
PCB terminal block - PTSA 0,5/22-2,5-Z
1990232 PHOENIX-1990232 Datasheet
134Kb / 8P
PCB terminal block - PTSA 0,5/24-2,5-Z
1990096 PHOENIX-1990096 Datasheet
130Kb / 9P
PCB terminal block - PTSA 0,5/11-2,5-Z
09/12/2020
1990151 PHOENIX-1990151 Datasheet
130Kb / 9P
PCB terminal block - PTSA 0,5/17-2,5-Z
09/12/2020
1990009 PHOENIX-1990009 Datasheet
415Kb / 11P
PCB terminal block - PTSA 0,5/ 2-2,5-Z
Sep 8, 2022
1990025 PHOENIX-1990025 Datasheet
430Kb / 11P
PCB terminal block - PTSA 0,5/ 4-2,5-Z
Jul 21, 2022
1990054 PHOENIX-1990054 Datasheet
342Kb / 9P
PCB terminal block - PTSA 0,5/ 7-2,5-Z
1990135 PHOENIX-1990135 Datasheet
342Kb / 9P
PCB terminal block - PTSA 0,5/15-2,5-Z
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com