Electronic Components Datasheet Search
  English  ▼

X  

1709899 Datasheet (PDF) - PHOENIX CONTACT

1709899 Datasheet PDF - PHOENIX CONTACT
Part # 1709899
Download  1709899 Download
File Size   242.63 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKDSA 1,5-W-7,62- 7 - PCB terminal block

1709899 Datasheet (PDF)

Go To PDF Page Download Datasheet
1709899 Datasheet PDF - PHOENIX CONTACT

Part # 1709899
Download  1709899 Click to download

File Size   242.63 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKDSA 1,5-W-7,62- 7 - PCB terminal block

1709899 Datasheet (HTML) - PHOENIX CONTACT


1709899 Product details

PCB terminal block, nominal current: 16 A, rated voltage (III/2): 320 V, nominal cross section: 1.5
mm2, number of potentials: 7, number of rows: 1, number of positions per row: 7, product range:
ZFKDS(A) 1,5-W, pitch: 7.62 mm, connection method: Spring-cage connection, mounting: Wave
soldering, conductor/PCB connection direction: 45 °, color: green, number of solder pins per
potential: 2, type of packaging: packed in cardboard

Your advantages
• Defined contact force ensures that contact remains stable over the long term
• Can be operated without tools by means of color-coded actuating lever
• Angled connection enables multi-row arrangement on the PCB
• The latching on the side enables various numbers of positions to be combined
• Two solder pins reduce the mechanical strain on the soldering spots




Similar Part No. - 1709899

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1709898 PHOENIX-1709898 Datasheet
88Kb / 2P
IMC 1,5/ 7-ST-3,81 CRWH
More results


Similar Description - 1709899

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706730 PHOENIX-1706730 Datasheet
87Kb / 3P
ZFKDSA 1,5-W-7,62
1753802 PHOENIX-1753802 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1,5-W-5,08- 5
1753815 PHOENIX-1753815 Datasheet
96Kb / 4P
PCB terminal block - ZFKDSA 1,5-W-5,08- 7
1753831 PHOENIX-1753831 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1,5-W-5,08-14
1890743 PHOENIX-1890743 Datasheet
97Kb / 4P
PCB terminal block - ZFKDSA 1,5-W-5,08- 2
1906158 PHOENIX-1906158 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1,5-W-7,62- 2
1906297 PHOENIX-1906297 Datasheet
98Kb / 4P
PCB terminal block - ZFKDSA 1,5-7,62- 6
1932724 PHOENIX-1932724 Datasheet
41Kb / 2P
PCB terminal block - ZFKDSA 1,5-7,62 GY
1906213 PHOENIX-1906213 Datasheet
243Kb / 8P
ZFKDSA 1,5-5,08- 7 - PCB terminal block
1932821 PHOENIX-1932821 Datasheet
253Kb / 9P
ZFKDSA 1,5-W-7,62- 5 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com