Electronic Components Datasheet Search
  English  ▼

X  

4627290 Datasheet (PDF) - Turck, Inc.

4627290 Datasheet PDF - Turck, Inc.
Part # 4627290
Download  4627290 Download
File Size   445.95 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Magnetic Field Sensor – for pneumatic cylinders (magnetic-field immune)

4627290 Datasheet (PDF)

Go To PDF Page Download Datasheet
4627290 Datasheet PDF - Turck, Inc.

Part # 4627290
Download  4627290 Click to download

File Size   445.95 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Magnetic Field Sensor – for pneumatic cylinders (magnetic-field immune)

4627290 Datasheet (HTML) - Turck, Inc.


4627290 Product details

Features
■Rectangular, height 34 mm
■Metal, GD-Zn
■Magnetic-inductive sensor
■Weld resistant to AC fields of 50…60 Hz
■DC 3-wire, 10…30 VDC
■NO contact, PNP output
■Male connector, M12 x 1
Functional principle
Magnetic field sensors are activated by
magnetic fields and are used, in particular, for
the detection of the piston position in pneumatic
cylinders. As magnetic fields can permeate nonmagnetizable metals, they detect a permanent
magnet attached to the piston through the
aluminium cylinder wall.
Weld-field immune permaprox sensors "freeze"
the switching status when detecting a magnetic
AC field (50…60 Hz). In this way, false
switching operations are prevented during the
welding process. When the AC field disappears,
the sensors resume standard operation.




Similar Part No. - 4627290

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
4627292 TURCK-4627292 Datasheet
446Kb / 3P
Magnetic Field Sensor – for pneumatic cylinders (magnetic-field immune)
11/07/2023
More results


Similar Description - 4627290

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
Magnetic field sensor
1998 Mar 24
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
Magnetic Field Sensor
2000 Jun 09
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
Magnetic field sensor
2003 Sep 15
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
Magnetic field sensor
Rev. 05-4 March 2009
logo
Pepperl+Fuchs Inc.
40FY28-33 PF-40FY28-33 Datasheet
231Kb / 2P
Magnetic field sensor
50FY41-V4A-12-KIT PF-50FY41-V4A-12-KIT Datasheet
402Kb / 2P
Magnetic field sensor
2022-07-13
50FY41-V4A-6 PF-50FY41-V4A-6 Datasheet
427Kb / 2P
Magnetic field sensor
2022-06-30
MB35-F12-1N PF-MB35-F12-1N Datasheet
436Kb / 3P
Magnetic field sensor
2022-03-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com