Electronic Components Datasheet Search
  English  ▼

X  

4482290 Datasheet (PDF) - Turck, Inc.

4482290 Datasheet PDF - Turck, Inc.
Part # 4482290
Download  4482290 Download
File Size   434.7 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Magnetic Field Sensor – For Pneumatic Cylinders

4482290 Datasheet (PDF)

Go To PDF Page Download Datasheet
4482290 Datasheet PDF - Turck, Inc.

Part # 4482290
Download  4482290 Click to download

File Size   434.7 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Magnetic Field Sensor – For Pneumatic Cylinders

4482290 Datasheet (HTML) - Turck, Inc.


4482290 Product details

Features
■Rectangular, height 28 mm
■Metal, GD-Zn
■Magnetic-inductive sensor
■DC 2‐wire, 10…65 VDC
■NO contact
■Male connector M12 x 1
Functional principle
Magnetic field sensors are activated by
magnetic fields and are especially suited
for piston position detection in pneumatic
cylinders. Based on the fact that magnetic
fields can permeate non-magnetizable metals,
it is possible to detect a permanent magnet
attached to the piston through the aluminium
wall of the cylinder.




Similar Part No. - 4482290

ManufacturerPart #DatasheetDescription
logo
Heyco.
4482 HEYCO-4482 Datasheet
124Kb / 1P
HEYbrid™ Brass/Nylon Liquid Tight Cordgrips
logo
Adafruit Industries
4482 ADAFRUIT-4482 Datasheet
815Kb / 2P
Premium Silicone Covered Male-Male Jumper Wires - 200mm x 40
2-24-20
logo
LEMO Connectors
448240 LEMO-448240 Datasheet
71Kb / 4P
K - Outdoor keyed
448240 LEMO-448240 Datasheet
71Kb / 4P
K - Outdoor keyed
448240 LEMO-448240 Datasheet
83Kb / 4P
S - Indoor Stepped Insert
More results


Similar Description - 4482290

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
Magnetic field sensor
1998 Mar 24
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
Magnetic Field Sensor
2000 Jun 09
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
Magnetic field sensor
2003 Sep 15
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
Magnetic field sensor
Rev. 05-4 March 2009
logo
Pepperl+Fuchs Inc.
40FY28-33 PF-40FY28-33 Datasheet
231Kb / 2P
Magnetic field sensor
50FY41-V4A-12-KIT PF-50FY41-V4A-12-KIT Datasheet
402Kb / 2P
Magnetic field sensor
2022-07-13
50FY41-V4A-6 PF-50FY41-V4A-6 Datasheet
427Kb / 2P
Magnetic field sensor
2022-06-30
MB35-F12-1N PF-MB35-F12-1N Datasheet
436Kb / 3P
Magnetic field sensor
2022-03-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com