Electronic Components Datasheet Search
  English  ▼

X  

1414910 Datasheet (PDF) - PHOENIX CONTACT

1414910 Datasheet PDF - PHOENIX CONTACT
Part # 1414910
Download  1414910 Download
File Size   616.75 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P- 3,0-PUR/M12FSM PE - Power cable

1414910 Datasheet (PDF)

Go To PDF Page Download Datasheet
1414910 Datasheet PDF - PHOENIX CONTACT

Part # 1414910
Download  1414910 Click to download

File Size   616.75 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P- 3,0-PUR/M12FSM PE - Power cable

1414910 Datasheet (HTML) - PHOENIX CONTACT


1414910 Product details

Power cable, 6-position, PUR halogen-free, black-gray RAL 7021, free cable end, on Socket
straight M12, coding: M, cable length: 3 m, for AC current up to 8 A/690 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against mismatching, thanks to special M-coding
• Our standard: robust halogen-free PUR cable




Similar Part No. - 1414910

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414911 PHOENIX-1414911 Datasheet
630Kb / 18P
SAC-6P- 3,0-PUR/M12FSM PE SH - Power cable
1414912 PHOENIX-1414912 Datasheet
626Kb / 18P
SAC-6P- 3,0-PVC/M12FRM PE - Power cable
1414913 PHOENIX-1414913 Datasheet
637Kb / 19P
SAC-6P- 3,0-PVC/M12FRM PE SH - Power cable
1414914 PHOENIX-1414914 Datasheet
616Kb / 18P
SAC-6P- 3,0-PVC/M12FSM PE - Power cable
1414915 PHOENIX-1414915 Datasheet
630Kb / 18P
SAC-6P- 3,0-PVC/M12FSM PE SH - Power cable
More results


Similar Description - 1414910

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415203 PHOENIX-1415203 Datasheet
110Kb / 5P
Power cable - SAC-4P-MRT/ 3,0-PUR/FRT SH SCO
1438956 PHOENIX-1438956 Datasheet
110Kb / 8P
Sensor/Actuator cable - SAC-4P-3,0-PUR/AD
1439544 PHOENIX-1439544 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 3,0-PUR/A
1423650 PHOENIX-1423650 Datasheet
65Kb / 4P
Power cable - SAC-4P-M12MSS/3,0-PUR/FSSPESH
1414797 PHOENIX-1414797 Datasheet
403Kb / 7P
Power cable - SAC-5P- 3,0-PVC/M12FSK PE SH
02/03/2022
1414833 PHOENIX-1414833 Datasheet
149Kb / 9P
Power cable - SAC-5P-M12MRK/ 1,5-PUR PE
09/12/2020
1415029 PHOENIX-1415029 Datasheet
136Kb / 10P
Sensor/actuator cable - SAC-6P-10,0-PUR/DTFS
09/11/2020
1669835 PHOENIX-1669835 Datasheet
134Kb / 10P
Sensor/actuator cable - SAC-5P- 3,0-PUR/M12FS
09/11/2020
1694512 PHOENIX-1694512 Datasheet
135Kb / 10P
Sensor/actuator cable - SAC-3P- 3,0-PUR/M12FR
09/11/2020
1476892 PHOENIX-1476892 Datasheet
2Mb / 8P
SAC-5P- 3,0-PUR/P12FS SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com