Electronic Components Datasheet Search
  English  ▼

X  

1706754 Datasheet (PDF) - PHOENIX CONTACT

1706754 Datasheet PDF - PHOENIX CONTACT
Part # 1706754
Download  1706754 Download
File Size   458.58 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSN 1,5/17-5,08 - PCB terminal block

1706754 Datasheet (PDF)

Go To PDF Page Download Datasheet
1706754 Datasheet PDF - PHOENIX CONTACT

Part # 1706754
Download  1706754 Click to download

File Size   458.58 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSN 1,5/17-5,08 - PCB terminal block

1706754 Datasheet (HTML) - PHOENIX CONTACT


1706754 Product details

PCB terminal block, nominal current: 17.5 A, rated voltage (III/2): 400 V, nominal cross section:
1.5 mm2, number of potentials: 17, number of rows: 1, number of positions per row: 17, product
range: MKDSN 1,5, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °,
color: green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per
potential: 1, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Extremely small design for the respective conductor cross section
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1706754

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706753 PHOENIX-1706753 Datasheet
154Kb / 8P
PCB terminal block - MKDSN 1,5/15-5,08
1706756 PHOENIX-1706756 Datasheet
123Kb / 6P
PCB terminal block - MKDS 5/ 4-6,35
More results


Similar Description - 1706754

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706753 PHOENIX-1706753 Datasheet
154Kb / 8P
PCB terminal block - MKDSN 1,5/15-5,08
1800090 PHOENIX-1800090 Datasheet
65Kb / 5P
PCB terminal block - MKDSN 1,5/ 5-5,08 BK
1869651 PHOENIX-1869651 Datasheet
118Kb / 6P
PCB terminal block - MKDSN 1,5/ 3-5,08 BK
1907814 PHOENIX-1907814 Datasheet
128Kb / 6P
PCB terminal block - MKDSN 1,5/ 4-5,08 BK
1907830 PHOENIX-1907830 Datasheet
66Kb / 5P
PCB terminal block - MKDSN 1,5/10-5,08 BK
5772524 PHOENIX-5772524 Datasheet
106Kb / 3P
PCB terminal block - MKDSN 1,5/ 3-5,08 TS
11/05/2018
1752007 PHOENIX-1752007 Datasheet
116Kb / 4P
PCB terminal block - MKDSN 1,5/ 2-5,08 RD
11/04/2018
1701013 PHOENIX-1701013 Datasheet
470Kb / 12P
MKDSN 1,5/17 - PCB terminal block
1548128 PHOENIX-1548128 Datasheet
341Kb / 10P
MKDSN 1,5/ 2-5,08 SPE - PCB terminal block
1548129 PHOENIX-1548129 Datasheet
351Kb / 10P
MKDSN 1,5/ 3-5,08 SPE - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com