Electronic Components Datasheet Search
  English  ▼

X  

1700871 Datasheet (PDF) - PHOENIX CONTACT

1700871 Datasheet PDF - PHOENIX CONTACT
Part # 1700871
Download  1700871 Download
File Size   330.98 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FFKDSA1/V1-7,62- 7 - PCB terminal block

1700871 Datasheet (PDF)

Go To PDF Page Download Datasheet
1700871 Datasheet PDF - PHOENIX CONTACT

Part # 1700871
Download  1700871 Click to download

File Size   330.98 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FFKDSA1/V1-7,62- 7 - PCB terminal block

1700871 Datasheet (HTML) - PHOENIX CONTACT


1700871 Product details

PCB terminal block, nominal current: 17.5 A, rated voltage (III/2): 630 V, nominal cross section:
1.5 mm2, number of potentials: 7, number of rows: 1, number of positions per row: 7, product
range: FFKDS(A)/V1, pitch: 7.62 mm, connection method: Push-in spring connection, mounting:
Wave soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 3.4 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard. The article can be aligned to create different nos. of positions!

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Operation and conductor connection from one direction enable integration into front of device
• Two solder pins reduce the mechanical strain on the soldering spots
• The latching on the side enables various numbers of positions to be combined
• Vertical connection enables multi-row arrangement on the PCB




Similar Part No. - 1700871

ManufacturerPart #DatasheetDescription
logo
Heyco.
17008 HEYCO-17008 Datasheet
108Kb / 1P
Snap Latch Rivets
logo
PHOENIX CONTACT
1700800 PHOENIX-1700800 Datasheet
345Kb / 10P
FFKDSA1/H2-7,62- 4 - PCB terminal block
1700812 PHOENIX-1700812 Datasheet
355Kb / 11P
MKKDS 1,5/ 9-5,08 - PCB terminal block
logo
Clarke International
1700820 CLARKE-1700820 Datasheet
834Kb / 4P
½" DRIVE TORQUE WRENCH
DL1123 Rev 1
logo
Molex Electronics Ltd.
1700820216 MOLEX1-1700820216_17 Datasheet
38Kb / 2P
EdgeLine CoPlanar Connector, 15 Gbps, 0.80mm Pitch, 2.36mm PCB Thickness
More results


Similar Description - 1700871

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700622 PHOENIX-1700622 Datasheet
92Kb / 4P
PCB terminal block - FFKDSA1/V1-5,08-11
1700855 PHOENIX-1700855 Datasheet
92Kb / 4P
PCB terminal block - FFKDSA1/V1-7,62- 4
1751578 PHOENIX-1751578 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08- 9
1780549 PHOENIX-1780549 Datasheet
58Kb / 4P
PCB terminal block - FFKDSA1/V1-7,62- 3
1790490 PHOENIX-1790490 Datasheet
96Kb / 3P
FFKDSA1/V1-7,62
1791981 PHOENIX-1791981 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08- 7
1868115 PHOENIX-1868115 Datasheet
58Kb / 4P
PCB terminal block - FFKDSA1/V1-7,62- 5
1891399 PHOENIX-1891399 Datasheet
58Kb / 4P
PCB terminal block - FFKDSA1/V1-7,62- 2
1929766 PHOENIX-1929766 Datasheet
59Kb / 4P
PCB terminal block - FFKDSA1/H1-7,62- 7
1780662 PHOENIX-1780662 Datasheet
309Kb / 10P
PCB terminal block - FFKDSA1/V1-5,08- 6
Nov 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com