Electronic Components Datasheet Search
  English  ▼

X  

2530002 Datasheet (PDF) - Turck, Inc.

2530002 Datasheet PDF - Turck, Inc.
Part # 2530002
Download  2530002 Download
File Size   109.73 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Capacitive Sensor

2530002 Datasheet (PDF)

Go To PDF Page Download Datasheet
2530002 Datasheet PDF - Turck, Inc.

Part # 2530002
Download  2530002 Click to download

File Size   109.73 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Capacitive Sensor

2530002 Datasheet (HTML) - Turck, Inc.


2530002 Product details

Features
■Rectangular, height 14mm
■Active face on top
■Plastic, PBT‐GF30‐V0
■Fine adjustment via potentiometer
■DC 3-wire, 10…65 VDC
■NO contact, PNP output
■M8 × 1 connector
Functional principle
Capacitive proximity switches are designed
for non-contact and wear-free detection
of electrically conductive as well as nonconductive metal objects.




Similar Part No. - 2530002

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2530000000 WEIDMULLER-2530000000 Datasheet
306Kb / 7P
SV-SMT 7.62HP/04/90MSF4 SC/8 2.6SN BX
logo
Turck, Inc.
2530001 TURCK-2530001 Datasheet
96Kb / 2P
Capacitive Sensor
11/07/2023
More results


Similar Description - 2530002

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BC5-QF5.5-AN6X2S250 TURCK-BC5-QF5.5-AN6X2S250 Datasheet
232Kb / 2P
Capacitive sensor
BC20-Q20-AN4X2 TURCK-BC20-Q20-AN4X2 Datasheet
212Kb / 2P
Capacitive sensor
logo
Pepperl+Fuchs Inc.
CBB4-12GH60-E2-V1 PF-CBB4-12GH60-E2-V1 Datasheet
256Kb / 2P
Capacitive sensor
CBB4-12GH70-E2 PF-CBB4-12GH70-E2 Datasheet
223Kb / 2P
Capacitive sensor
CBB8-18GS75-E2 PF-CBB8-18GS75-E2 Datasheet
113Kb / 1P
Capacitive sensor
CBN2-F46-E0 PF-CBN2-F46-E0 Datasheet
228Kb / 2P
Capacitive sensor
CBN2-F46-E3 PF-CBN2-F46-E3 Datasheet
244Kb / 2P
Capacitive sensor
CBN15-30GK60-E2 PF-CBN15-30GK60-E2 Datasheet
199Kb / 2P
Capacitive sensor
CCN15-30GS60-E2 PF-CCN15-30GS60-E2 Datasheet
227Kb / 2P
Capacitive sensor
CJ1-12GK-N-15M PF-CJ1-12GK-N-15M Datasheet
241Kb / 2P
Capacitive sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com