Electronic Components Datasheet Search
  English  ▼

X  

7794A Datasheet (PDF) - Belden Inc.

7794A Datasheet PDF - Belden Inc.
Part # 7794A
Download  7794A Download
File Size   196.14 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description VideoFLEX® Snake, RG59, #20-3 Coax, CMR

7794A Datasheet (PDF)

Go To PDF Page Download Datasheet
7794A Datasheet PDF - Belden Inc.

Part # 7794A
Download  7794A Click to download

File Size   196.14 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description VideoFLEX® Snake, RG59, #20-3 Coax, CMR

7794A Datasheet (HTML) - Belden Inc.


7794A Product details

Product Description
Digital Coax Snake Cable, Riser-CMR, 3-RG59 20 AWG, solid bare copper conductors, foam HDPE core, Duofoil® +95% tinned copper braid, PVC jacket




Similar Part No. - 7794A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7794 ETC2-7794 Datasheet
280Kb / 1P
PC METRIC SCREW TERMINAL WITH SCREW
logo
Keystone Electronics Co...
7794 KEYSTONE-7794 Datasheet
529Kb / 1P
METRIC SCREW TERMINALS
31-07 20th
logo
National Instruments Co...
779443-01 NI-779443-01 Datasheet
528Kb / 5P
Low-Cost Industrial Digital60 V, Channel-to-Channel Isolated
779463-01 NI-779463-01 Datasheet
1Mb / 5P
Ethernet/Serial Interfaces for Compact FieldPoint
779465-01 NI-779465-01 Datasheet
1Mb / 8P
PXI RF Signal Conditioning
More results


Similar Description - 7794A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1505A BELDEN-1505A Datasheet
251Kb / 4P
Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1506A BELDEN-1506A Datasheet
244Kb / 4P
Serial Digital Coax, RG59, 20 AWG Solid BC, Duofoil짰 95% TC Braid, CMP
1410R BELDEN-1410R Datasheet
189Kb / 3P
Audio Snake Cable, #24-8pr, TC, Indiv. Shielded, CMR
12-19-2022
1411R BELDEN-1411R Datasheet
190Kb / 3P
Audio Snake Cable, #24-12pr, TC, Indiv. Shielded, CMR
12-20-2022
1414R BELDEN-1414R Datasheet
191Kb / 3P
Audio Snake Cable, #24-24pr, TC, Indiv. Shielded, CMR
12-19-2022
1855S3 BELDEN-1855S3 Datasheet
174Kb / 3P
VideoFLEX® Snake, Banana Peel, Mini, #23-3 Coax, CMR
11-09-2022
1855S6 BELDEN-1855S6 Datasheet
183Kb / 3P
VideoFLEX® Snake, Banana Peel, Mini, #23-6 Coax, CMR
12-19-2022
logo
Lapp.
10399200 LAPP-10399200 Datasheet
129Kb / 2P
EPIC® MCS 3 / MCB 3 COAX
17.09.2018
logo
Belden Inc.
5401UH BELDEN-5401UH Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 20 AWG, TC, CMR
12-20-2022
5401FH BELDEN-5401FH Datasheet
143Kb / 2P
Security & Sound, 3 Conductor 20 AWG, TC, CMR
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com