Electronic Components Datasheet Search
  English  ▼

X  

MAX22212 Datasheet (PDF) - Analog Devices

MAX22212 Datasheet PDF - Analog Devices
Part # MAX22212
Download  MAX22212 Download
File Size   557.09 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36V, 7.6A High Current Single H-Bridge with Integrated Current Sense

MAX22212 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX22212 Datasheet PDF - Analog Devices

Part # MAX22212
Download  MAX22212 Click to download

File Size   557.09 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36V, 7.6A High Current Single H-Bridge with Integrated Current Sense

MAX22212 Datasheet (HTML) - Analog Devices


MAX22212 Product details

General Description
The MAX22212 integrates a high current 36V, 7.6AMAXH-Bridge to drive one Brushed DC motor or one half ofa stepper motor. The H-Bridge FETs feature very low impedance, resulting in high driving efficiency and low heatgeneration. The typical total RON (high-side + low-side) is 0.125Ω. The H-Bridge can be PWM controlled by using three logic inputs (DIN1, DIN2, and EN).
The MAX22212 features an accurate current drive regulation (CDR), which can be used to limit the start up current of a brushed DC motor or to control the phase current for stepper operation. The bridge output current is sensed by a non-dissipative integrated current sensing (ICS) and it is then compared with a user configurable setpoint (ITRIP). When the bridge current exceeds the setpoint, the device enforces the decay for a fixed OFF-time (tOFF). Four different decay methods are supported (Slow Decay, Fast Decay, and two Mixed Decay modes). The non-dissipative ICS eliminates the bulky external power resistors normally required for this function resulting in a dramatic space and power saving compared with mainstream applications based on the external sense resistor.
A current proportional to the internally-sensed motor current is output to the external pins (ISENA, ISENB). By connecting an external resistor from these pins to GND, a voltage proportional to the motor current is generated. The voltage across this resistor can be used as inputs to ADCs of an external motor controller if motion control algorithm requires the current/torque information.
In addition, one open-drain output (CDR pin) is asserted every time the internal current regulation takes control of the driver so that the activity of the internal current loop can be monitored.
The maximum user configurable full-scale current (IFS_MAX) can be set up to 7.6A limited by the overcurrent protection (OCP). An external resistor connected from REF to GND sets the full-scale current (IFS) threshold. An integrated sinusoidal 4-bit DAC allows the user to dynamically modify the current regulation set-point (ITRIP) from zero to IFS. Because of thermal considerations, the recommended maximum RMS current on a standard 4-layers PCB is 4ARMS.
In applications in which the requirement of maximum full-scale current is less than 3.8A and high current control accuracy is desired, the half full scale (HFS) logic input pin can be set high to halve the current rating and double the low-side FET RON. This results in better current control loop accuracy in the bottom end of the current range.
The MAX22212 features overcurrent protection (OCP), thermal shutdown (TSD), and undervoltage lockout (UVLO) protection. An open-drain active low FAULT pin is activated every time a fault condition is detected. During thermal shutdown and undervoltage lockout events, the driver is disabled until normal operations are restored.
The MAX22212 is available into a small TQFN32 5mm x 5mm package or in a TSSOP28 4.4mm x 9.7mm package.

Benefits and Features
●One H-Bridge with +36V Voltage Rating
•Total RDS(ON) (High-Side + Low-Side): 125mΩTypical (TA = 25°C)
●Current Ratings per H-Bridge (Typical at TA = 25°C):
•IFS_MAX = 7.6A (Max Full-Scale Current Setting forInternal Current Drive Regulation)
•IRMS = 4ARMS Recommended Maximum RMSCurrent
●Integrated Current Control
•Full-Scale DAC Current Programmable withExternal Resistor
•Internal Current Sensing (ICS) Eliminates ExternalBulky Resistors and Improves Efficiency
•Current Drive Regulation Monitor Output Pin (CDRPin).
•Integrated DAC Sets the Output Current from 16Levels
•Four Decay Modes Supported (Slow, Fast, and TwoMixed Modes)
•Fixed OFF Time Configurable with ExternalResistor
●Current Sense Output (Current Monitor)
●Fault Indicator Pin (FAULT)
●Low Power Mode (Sleep Mode)
●Protections
•Overcurrent Protection for each Channel (OCP)
•Undervoltage Lockout (UVLO)
•Thermal Shutdown TJ = 165°C (TSD)
●TQFN32 5mm x 5mm Package or in a TSSOP284.4mm x 9.7mm Package

Applications
●Stepper-Motor Driver
●Brushed DC Motor Driver
●Solenoid Driver
●Latched Valves




Similar Part No. - MAX22212

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX22210 AD-MAX22210 Datasheet
350Kb / 24P
36V, 3.8A Stepper Motor Driver with Integrated Current Sense and 128 Microstep Indexer
19-101181; Rev 0; 6/23
MAX22210ATJ+ AD-MAX22210ATJ+ Datasheet
350Kb / 24P
36V, 3.8A Stepper Motor Driver with Integrated Current Sense and 128 Microstep Indexer
19-101181; Rev 0; 6/23
MAX22210AUI+ AD-MAX22210AUI+ Datasheet
350Kb / 24P
36V, 3.8A Stepper Motor Driver with Integrated Current Sense and 128 Microstep Indexer
19-101181; Rev 0; 6/23
MAX22211 AD-MAX22211 Datasheet
548Kb / 24P
36V, 3.8A Two H-Bridge for Dual Brushed or Single Stepper Motor Drive
19-101537; Rev 0; 2/23
MAX22211ATJ+T AD-MAX22211ATJ+T Datasheet
548Kb / 24P
36V, 3.8A Two H-Bridge for Dual Brushed or Single Stepper Motor Drive
19-101537; Rev 0; 2/23
More results


Similar Description - MAX22212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8876 TI1-DRV8876 Datasheet
520Kb / 29P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8876-Q1 TI1-DRV8876-Q1 Datasheet
715Kb / 32P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8876_1904 TI1-DRV8876_1904 Datasheet
942Kb / 37P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8874 TI1-DRV8874 Datasheet
879Kb / 31P
H-Bridge Motor Driver With Integrated Current Sense and Regulation
DRV8874-Q1 TI1-DRV8874-Q1 Datasheet
879Kb / 31P
H-Bridge Motor Driver With Integrated Current Sense and Regulation
DRV8245-Q1 TI-DRV8245-Q1_V01 Datasheet
4Mb / 83P
DRV8245-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
DECEMBER 2021
DRV8244-Q1 TI-DRV8244-Q1_V01 Datasheet
3Mb / 80P
DRV8244-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
REVISED NOVEMBER 2022
logo
Analog Devices
MAX22208 AD-MAX22208 Datasheet
323Kb / 19P
65V, 3.8A Quad Half H-Bridge Drivers with Integrated Current Sense
19-101619; Rev 0; 8/23
MAX22213 AD-MAX22213 Datasheet
373Kb / 20P
36V, 3.8A Quad Half H-Bridge Drivers with Integrated Current Sense
19-101603; Rev 0; 8/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com