Electronic Components Datasheet Search
  English  ▼

X  

1736764 Datasheet (PDF) - PHOENIX CONTACT

1736764 Datasheet PDF - PHOENIX CONTACT
Part # 1736764
Download  1736764 Download
File Size   315.94 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SMKDS 2,5/16-5,08 - PCB terminal block

1736764 Datasheet (PDF)

Go To PDF Page Download Datasheet
1736764 Datasheet PDF - PHOENIX CONTACT

Part # 1736764
Download  1736764 Click to download

File Size   315.94 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SMKDS 2,5/16-5,08 - PCB terminal block

1736764 Datasheet (HTML) - PHOENIX CONTACT


1736764 Product details

PCB terminal block, nominal current: 20 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 16, number of rows: 1, number of positions per row: 16, product
range: SMKDS 2,5, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 50
°, color: green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per
potential: 1, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Angled connection enables multi-row arrangement on the PCB
• Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1736764

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1736760000 WEIDMULLER-1736760000 Datasheet
742Kb / 22P
Cable glands
logo
PHOENIX CONTACT
1736768 PHOENIX-1736768 Datasheet
287Kb / 11P
Feed-through header - MDSTB 2,5/ 2-GFR-5,08
1736768 PHOENIX-1736768 Datasheet
163Kb / 6P
MDSTB 2,5/ 2-G
1736768 PHOENIX-1736768 Datasheet
175Kb / 7P
MDSTB 2,5/ 2-G-5,08
More results


Similar Description - 1736764

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701626 PHOENIX-1701626 Datasheet
43Kb / 3P
PCB terminal block - SMKDS 2,5/ 9-5,08
1702558 PHOENIX-1702558 Datasheet
62Kb / 5P
PCB terminal block - SMKDS 2,5/ 5-5,08
1736777 PHOENIX-1736777 Datasheet
109Kb / 5P
PCB terminal block - SMKDS 2,5/ 6-5,08
1736780 PHOENIX-1736780 Datasheet
109Kb / 5P
PCB terminal block - SMKDS 2,5/10-5,08
1757390 PHOENIX-1757390 Datasheet
58Kb / 4P
PCB terminal block - SMKDS 2,5/16-5,08 MIXEDCOL 1
1766174 PHOENIX-1766174 Datasheet
62Kb / 5P
PCB terminal block - SMKDS 2,5/ 7-5,08
1892372 PHOENIX-1892372 Datasheet
60Kb / 4P
PCB terminal block - SMKDS 2,5/ 3-5,08 BK
1905308 PHOENIX-1905308 Datasheet
62Kb / 4P
PCB terminal block - SMKDS 2,5/ 2-5,08 BU PIN4,5
1931592 PHOENIX-1931592 Datasheet
57Kb / 4P
PCB terminal block - SMKDS 2,5/ 2-5,08 BK
1995664 PHOENIX-1995664 Datasheet
109Kb / 5P
PCB terminal block - SMKDS 2,5/ 4-5,08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com