Electronic Components Datasheet Search
  English  ▼

X  

1694389 Datasheet (PDF) - PHOENIX CONTACT

1694389 Datasheet PDF - PHOENIX CONTACT
Part # 1694389
Download  1694389 Download
File Size   729.13 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MS/10,0-PUR SH - Sensor/actuator cable

1694389 Datasheet (PDF)

Go To PDF Page Download Datasheet
1694389 Datasheet PDF - PHOENIX CONTACT

Part # 1694389
Download  1694389 Click to download

File Size   729.13 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MS/10,0-PUR SH - Sensor/actuator cable

1694389 Datasheet (HTML) - PHOENIX CONTACT


1694389 Product details

Sensor/actuator cable, 4-position, PUR halogen-free, black-gray RAL 7021, shielded (Tinned
copper braided shield), Plug straight M12, coding: A, on free cable end, cable length: 10 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1694389

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1694305 PHOENIX-1694305 Datasheet
161Kb / 4P
SACC-M12FS-5CON-PG 7-SH
1694318 PHOENIX-1694318 Datasheet
161Kb / 4P
SACC-M12FS-5CON-PG 9-SH
1694334 PHOENIX-1694334 Datasheet
76Kb / 6P
Flush-type connector - SACC-DSI-M8MS-3C0N-L180
1694347 PHOENIX-1694347 Datasheet
77Kb / 6P
Flush-type connector - SACC-DSI-M8MS-4CON-L180
1694363 PHOENIX-1694363 Datasheet
73Kb / 4P
Flush-type connector - SACC-DSI-M8FS-3CON-L180
More results


Similar Description - 1694389

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403889 PHOENIX-1403889 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-5P-M12MS/10,0-PUR/M12FS
1442340 PHOENIX-1442340 Datasheet
127Kb / 10P
Sensor/actuator cable - SAC-3P-M12MS/10,0-PUR P
09/11/2020
1509461 PHOENIX-1509461 Datasheet
109Kb / 8P
Sensor/actuator cable - SAC-4P-M12MS/10,0-186
09/11/2020
1519286 PHOENIX-1519286 Datasheet
104Kb / 4P
Sensor/actuator cable - SAC-4P-M12MS/15,0-PUR SH
12/06/2018
1696442 PHOENIX-1696442 Datasheet
85Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/10,0-PUR/M12FR
12/07/2018
1522529 PHOENIX-1522529 Datasheet
556Kb / 17P
Sensor/actuator cable - SAC-8P-M12MS/10,0-PUR
Sep 29, 2022
1476803 PHOENIX-1476803 Datasheet
1Mb / 8P
SAC-3P-P12MS/10,0-PUR SH - Sensor/actuator cable
1476841 PHOENIX-1476841 Datasheet
313Kb / 7P
SAC-4P-10,0-PUR/P12FS SH - Sensor/actuator cable
1476851 PHOENIX-1476851 Datasheet
318Kb / 7P
SAC-4P-P12MS/10,0-PUR SH - Sensor/actuator cable
1476796 PHOENIX-1476796 Datasheet
391Kb / 8P
SAC-3P-P12MR/10,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com