Electronic Components Datasheet Search
  English  ▼

X  

6640FD Datasheet (PDF) - Belden Inc.

6640FD Datasheet PDF - Belden Inc.
Part # 6640FD
Download  6640FD Download
File Size   205.52 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 1Pr 24AWG Shielded Data OSDP CMP

6640FD Datasheet (PDF)

Go To PDF Page Download Datasheet
6640FD Datasheet PDF - Belden Inc.

Part # 6640FD
Download  6640FD Click to download

File Size   205.52 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 1Pr 24AWG Shielded Data OSDP CMP

6640FD Datasheet (HTML) - Belden Inc.


6640FD Product details

Product Description
OSDP Reader Cable, 1 Pair 24 AWG stranded (7x32) tinned copper (data) with foam FEP insulation, Beldfoil® shield w/ drain,with Flamarrest® insulation,
Plenum, Flamarrest®




Similar Part No. - 6640FD

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66400 MICROPAC-66400 Datasheet
151Kb / 2P
MICROCOUPLER, PHOTODARLINGTON OUTPUT
logo
DESCO INDUSTRIES INC
66400 DESCO-66400 Datasheet
665Kb / 4P
Installation and Maintenance of ESD Mats
February 2015
logo
Tyco Electronics
66400-1 MACOM-66400-1 Datasheet
125Kb / 1P
PIN ASSEMBLY, LOOSE PIECE, TYPE III
66400-3 MACOM-66400-3 Datasheet
415Kb / 9P
Signal Contacts
66400-4 MACOM-66400-4 Datasheet
415Kb / 9P
Signal Contacts
More results


Similar Description - 6640FD

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
82841 BELDEN-82841 Datasheet
242Kb / 3P
RS-485, #24-1pr, FFEP, O/A FoilBraid, LS-PVC Jkt, CMP, 120廓
6504FE BELDEN-6504FE Datasheet
247Kb / 2P
Security & Sound, #22-6c BC, Shielded, CMP
82641 BELDEN-82641 Datasheet
182Kb / 2P
RS232, #24-1pr, FEP, O/A Foil, LS-PVC Jkt, CMP
01-20-2023
70040 BELDEN-70040 Datasheet
301Kb / 2P
MICROPHONECABLE 1PR AWG24
03-04-2023
6201FE BELDEN-6201FE Datasheet
182Kb / 2P
Security & Sound, 3 Conductor 16 AWG BC, Shielded, CMP
11-09-2022
6301FE BELDEN-6301FE Datasheet
146Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, Shielded, CMP
04-13-2023
6200FE BELDEN-6200FE Datasheet
200Kb / 2P
Security & Sound, 2 Conductor 16 AWG BC, Shielded, CMP
04-13-2023
6400FE BELDEN-6400FE Datasheet
173Kb / 2P
Security & Sound, 2 Conductor 20 AWG BC, Shielded, CMP
03-29-2023
6500FE BELDEN-6500FE Datasheet
202Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMP
04-13-2023
6300FE BELDEN-6300FE Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Shielded, CMP
04-13-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com