Electronic Components Datasheet Search
  English  ▼

X  

5381M1 Datasheet (PDF) - Belden Inc.

5381M1 Datasheet PDF - Belden Inc.
Part # 5381M1
Download  5381M1 Download
File Size   197.16 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 1Pr 22 AWG Shielded Data 18/2 Power OSDP Indoor/Outdoor CM

5381M1 Datasheet (PDF)

Go To PDF Page Download Datasheet
5381M1 Datasheet PDF - Belden Inc.

Part # 5381M1
Download  5381M1 Click to download

File Size   197.16 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 1Pr 22 AWG Shielded Data 18/2 Power OSDP Indoor/Outdoor CM

5381M1 Datasheet (HTML) - Belden Inc.


5381M1 Product details

Product Description
OSDP Reader Cable, 1 Pair 22 AWG stranded (7x30) tinned copper (data) with foam Polyethylene insulation, Beldfoil® shield w/ drain, 2 Conductor 18 AWG
stranded (7x26) Bare copper conductor (power) with Waterblocking Tape, Overall UV Resistant PVC Jacket. Indoor/Outdoor CM Rated




Similar Part No. - 5381M1

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5381 VCC-5381 Datasheet
105Kb / 1P
T-1 3/4 Vertical LED Assembly
logo
Chicago Miniature Lamp,...
5381H1 CML-5381H1 Datasheet
25Kb / 1P
T-1 3/4 Vertical LED Assembly
logo
Visual Communications C...
5381H1 VCC-5381H1 Datasheet
105Kb / 1P
T-1 3/4 Vertical LED Assembly
logo
Chicago Miniature Lamp,...
5381H1-5V CML-5381H1-5V Datasheet
25Kb / 1P
T-1 3/4 Vertical LED Assembly
logo
Visual Communications C...
5381H1-5V VCC-5381H1-5V Datasheet
105Kb / 1P
T-1 3/4 Vertical LED Assembly
More results


Similar Description - 5381M1

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C4008A GENERAL-C4008A Datasheet
59Kb / 1P
1PR 22 AWG (SOLID)TC SRPVC, PVC COMMUNICATION & CONTROL CABLE
logo
Belden Inc.
2137A BELDEN-2137A Datasheet
164Kb / 3P
Category 5e Indoor/Outdoor OSP/CM-LS LSZH Cable
2022 Belden, Inc
8732 BELDEN-8732 Datasheet
164Kb / 2P
Electronic, 2 Pr #22 Str TC, PO Ins, 1Pr w/ TC Brd, PVC Jkt, CM
05-05-2023
2814RW BELDEN-2814RW Datasheet
153Kb / 3P
Indoor/Outdoor Stadium Cable, Analog Audio Snake, 2 Pair 22 AWG,stranded, CMR
12-19-2022
8450 BELDEN-8450 Datasheet
145Kb / 2P
Audio & Instrumentation, #22-1pr, TC, O/A Foil, CM
01-20-2023
8737 BELDEN-8737 Datasheet
161Kb / 2P
Audio Cable, #22-1pr, TC, O/A Braid, CM
01-20-2023
8728 BELDEN-8728 Datasheet
165Kb / 2P
Special Audio, 2 Pair 22 AWG TC, Shielded, CM
01-20-2023
5300UP BELDEN-5300UP Datasheet
153Kb / 2P
Audio Cable, 2 Conductor 18 AWG, BC, Unshielded, CM
12-19-2022
9151 BELDEN-9151 Datasheet
154Kb / 2P
Speaker Cable, 2 Conductor 22 AWG BC, Unshielded, CM
12-20-2022
9712 BELDEN-9712 Datasheet
144Kb / 2P
Speaker Cable, 2 Conductor 22 AWG BC, Unshielded, CM
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com