Electronic Components Datasheet Search
  English  ▼

X  

7713A Datasheet (PDF) - Belden Inc.

7713A Datasheet PDF - Belden Inc.
Part # 7713A
Download  7713A Download
File Size   194.15 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description VideoFLEX® Snake, RG6, #18-10 Coax, CMR

7713A Datasheet (PDF)

Go To PDF Page Download Datasheet
7713A Datasheet PDF - Belden Inc.

Part # 7713A
Download  7713A Click to download

File Size   194.15 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description VideoFLEX® Snake, RG6, #18-10 Coax, CMR

7713A Datasheet (HTML) - Belden Inc.


7713A Product details

Product Description
VideoFLEX® Digital Coax Snake Cable, Riser-CMR, 10-RG6 18 AWG, solid bare copper conductors, foam HDPE core, Duofoil® +95% tinned copper braid,
PVC jacket




Similar Part No. - 7713A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7713 ETC2-7713 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
logo
Keystone Electronics Co...
7713 KEYSTONE-7713 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
OEN India Limited
7713-2C OENINDIA-7713-2C Datasheet
80Kb / 1P
MINIATURE CRADLE RELAY
7713-4C OENINDIA-7713-4C Datasheet
80Kb / 1P
MINIATURE CRADLE RELAY
logo
Alpha Wire
77130 ALPHAWIRE-77130 Datasheet
408Kb / 4P
18 (16/30) AWG Tinned Copper
More results


Similar Description - 7713A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1694A BELDEN-1694A Datasheet
251Kb / 4P
Serial Digital Coax, RG6 Type, #18 Solid BC, Duofoil짰 95% TC braid, CMR
1695A BELDEN-1695A Datasheet
246Kb / 4P
Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
3092A BELDEN-3092A Datasheet
248Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, PVC Jkt, CMR
3132A BELDEN-3132A Datasheet
260Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, FEP Ins, QUAD AL Shld, PVDF Jkt, CMP
logo
NHP Electrical Engineer...
1786-BNC NHP-1786-BNC Datasheet
624Kb / 1P
CNET RG6 COAX CONNECTOR BNC PLUG
7 June 2023,
logo
Belden Inc.
1410R BELDEN-1410R Datasheet
189Kb / 3P
Audio Snake Cable, #24-8pr, TC, Indiv. Shielded, CMR
12-19-2022
1411R BELDEN-1411R Datasheet
190Kb / 3P
Audio Snake Cable, #24-12pr, TC, Indiv. Shielded, CMR
12-20-2022
1414R BELDEN-1414R Datasheet
191Kb / 3P
Audio Snake Cable, #24-24pr, TC, Indiv. Shielded, CMR
12-19-2022
1855S3 BELDEN-1855S3 Datasheet
174Kb / 3P
VideoFLEX® Snake, Banana Peel, Mini, #23-3 Coax, CMR
11-09-2022
1855S6 BELDEN-1855S6 Datasheet
183Kb / 3P
VideoFLEX® Snake, Banana Peel, Mini, #23-6 Coax, CMR
12-19-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com