Electronic Components Datasheet Search
  English  ▼

X  

1809157 Datasheet (PDF) - PHOENIX CONTACT

1809157 Datasheet PDF - PHOENIX CONTACT
Part # 1809157
Download  1809157 Download
File Size   340.9 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBA 2,5/10-G-5,08-LR - PCB header

1809157 Datasheet (PDF)

Go To PDF Page Download Datasheet
1809157 Datasheet PDF - PHOENIX CONTACT

Part # 1809157
Download  1809157 Click to download

File Size   340.9 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBA 2,5/10-G-5,08-LR - PCB header

1809157 Datasheet (HTML) - PHOENIX CONTACT


1809157 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 10,
number of rows: 1, number of positions: 10, number of connections: 10, product range: MSTBA
2,5/..-G-LR, pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]:
3.23 mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: Snap-in locking, mounting: Lock & Release, type
of packaging: packed in cardboard

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Well-known mounting principle allows worldwide use
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
• Closed contour for optimum stability of the plug-in connection




Similar Part No. - 1809157

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809158 PHOENIX-1809158 Datasheet
306Kb / 8P
MSTBC 2,5/13-STZ-5,08-R - PCB connector
More results


Similar Description - 1809157

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1898910 PHOENIX-1898910 Datasheet
144Kb / 6P
DFK-MSTBA 2,5/10-G-5,08
1758681 PHOENIX-1758681 Datasheet
281Kb / 13P
Feed-through header - MSTBA 2,5/10-G-5,08 BK
1923940 PHOENIX-1923940 Datasheet
164Kb / 10P
Feed-through header - MSTBA 2,5 HC/10-G-5,08
09/12/2020
1923869 PHOENIX-1923869 Datasheet
566Kb / 15P
PCB header - MSTBA 2,5 HC/ 2-G-5,08
Nov 30, 2022
1923885 PHOENIX-1923885 Datasheet
566Kb / 15P
PCB header - MSTBA 2,5 HC/ 4-G-5,08
Dec 30, 2022
1809092 PHOENIX-1809092 Datasheet
257Kb / 9P
PCB header - MSTBA 2,5/ 4-G-5,08-LR
Jan 10, 2023
1923872 PHOENIX-1923872 Datasheet
569Kb / 15P
PCB header - MSTBA 2,5 HC/ 3-G-5,08
1926015 PHOENIX-1926015 Datasheet
225Kb / 8P
PCB header - MSTBA 2,5/ 2-G-5,08-RN
1926073 PHOENIX-1926073 Datasheet
225Kb / 8P
PCB header - MSTBA 2,5/ 8-G-5,08-RN
1926057 PHOENIX-1926057 Datasheet
243Kb / 10P
MSTBA 2,5/ 6-G-5,08-RN - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com