Electronic Components Datasheet Search
  English  ▼

X  

DRMS Datasheet (PDF) - Sensata Technologies, Inc.

DRMS Datasheet PDF - Sensata Technologies, Inc.
Part # DRMS
Download  DRMS Download
File Size   444.54 Kbytes
Page   11 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description DIN RAIL MOUNT HYBRID MOTOR STARTERS

DRMS Datasheet (PDF)

Go To PDF Page Download Datasheet
DRMS Datasheet PDF - Sensata Technologies, Inc.

Part # DRMS
Download  DRMS Click to download

File Size   444.54 Kbytes
Page   11 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description DIN RAIL MOUNT HYBRID MOTOR STARTERS

DRMS Datasheet (HTML) - Sensata Technologies, Inc.


DRMS Product details

Features
Applications
• 3-phase motors reversing up to 4 kW
• 2-phase soft start/stop
• Up to 4 dials for setting of starting torque, deceleration torque, soft start/
stop, and rated motor current
• 4 LEDs for status indication
• Galvanic separated 24 VDC inputs for forward and reverse control
• Reset button on front, with connection for external reset
• Relay indicator output for operation
• Hybrid relay combines benefits of electromechanical relay technology with
non-wearing semiconductor technology
• High reliability by temperature monitoring of semiconductors
• Reversing operation for door and gate controls, bridge drives and lifting
applications with monitoring of blockage
• Conveyor systems with monitoring of blockage
• Actuating drives in process controls with blockage monitoring




Similar Part No. - DRMS

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
DRM-24T FOTEK-DRM-24T Datasheet
494Kb / 2P
Digital Meter
logo
Delta Electronics, Inc.
DRM-24V120W1PN DELTA-DRM-24V120W1PN Datasheet
1Mb / 20P
Universal AC input voltage range
DRM-24V240W1PN DELTA-DRM-24V240W1PN Datasheet
951Kb / 20P
Universal AC input voltage range
DRM-24V80W1PN DELTA-DRM-24V80W1PN Datasheet
1Mb / 20P
Built-in active PFC and up to 90% efficiency
logo
FOTEK CONTROLS CO., LTD...
DRM-25T FOTEK-DRM-25T Datasheet
494Kb / 2P
Digital Meter
More results


Similar Description - DRMS

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CKM CRYDOM-CKM Datasheet
545Kb / 4P
DIN Rail Mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
DIN Rail Mount
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
DIN rail mount
logo
PHOENIX CONTACT
2902952 PHOENIX-2902952 Datasheet
100Kb / 5P
Hybrid motor starter - ELR H51-0.6-DIN-RAIL-SET
2902953 PHOENIX-2902953 Datasheet
59Kb / 4P
Hybrid motor starter - ELR H51-2.4-DIN-RAIL-SET
2902954 PHOENIX-2902954 Datasheet
59Kb / 4P
Hybrid motor starter - ELR H51-9-DIN-RAIL-SET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com