Electronic Components Datasheet Search
  English  ▼

X  

1734083 Datasheet (PDF) - PHOENIX CONTACT

1734083 Datasheet PDF - PHOENIX CONTACT
Part # 1734083
Download  1734083 Download
File Size   307.34 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description KDS 4/ 4 - PCB terminal block

1734083 Datasheet (PDF)

Go To PDF Page Download Datasheet
1734083 Datasheet PDF - PHOENIX CONTACT

Part # 1734083
Download  1734083 Click to download

File Size   307.34 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description KDS 4/ 4 - PCB terminal block

1734083 Datasheet (HTML) - PHOENIX CONTACT


1734083 Product details

PCB terminal block, nominal current: 41 A, rated voltage (III/2): 320 V, nominal cross section: 4
mm2, number of potentials: 4, number of rows: 1, number of positions per row: 4, product range:
KDS 4, pitch: 7.5 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
green, Pin layout: Linear pinning, Solder pin [P]: 5 mm, number of solder pins per potential: 2,
type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Potentials can be easily looped through with additional connection to the PCB
• Two solder pins reduce the mechanical strain on the soldering spots




Similar Part No. - 1734083

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173408 FESTO-173408 Datasheet
98Kb / 2P
Air solenoid valve
logo
PHOENIX CONTACT
1734087 PHOENIX-1734087 Datasheet
61Kb / 4P
Printed-circuit board connector - MVSTBU 2,5/10-STF
logo
Festo Corporation.
1734087 FESTO-1734087 Datasheet
90Kb / 1P
Adapter kit
More results


Similar Description - 1734083

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701023 PHOENIX-1701023 Datasheet
94Kb / 6P
PCB terminal block - KDS
1701094 PHOENIX-1701094 Datasheet
94Kb / 7P
PCB terminal block - KDS BU
1704004 PHOENIX-1704004 Datasheet
138Kb / 7P
PCB terminal block - KDS 3
1705016 PHOENIX-1705016 Datasheet
118Kb / 7P
Single PCB terminal block - KDS 2,5
1706675 PHOENIX-1706675 Datasheet
43Kb / 3P
PCB terminal block - KDS 3-MT MIT VOLLKOPFSCHRAUBE
1780112 PHOENIX-1780112 Datasheet
63Kb / 5P
PCB terminal block - KDS 3-SI
1780196 PHOENIX-1780196 Datasheet
49Kb / 3P
PCB connection terminal block - KDS 3-SILED 24
1780507 PHOENIX-1780507 Datasheet
140Kb / 6P
KDS 4
1987423 PHOENIX-1987423 Datasheet
47Kb / 4P
PCB terminal block - KDS 3-PMT BK
1736793 PHOENIX-1736793 Datasheet
343Kb / 12P
ZFKDSA 4-7,5- 4 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com