Electronic Components Datasheet Search
  English  ▼

X  

W681310 Datasheet (PDF) - Winbond

W681310 Datasheet PDF - Winbond
Part # W681310
Download  W681310 Download
File Size   465.58 Kbytes
Page   36 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 3V SINGLE-CHANNEL VOICEBAND CODEC

W681310 Datasheet (PDF)

Go To PDF Page Download Datasheet
W681310 Datasheet PDF - Winbond

Part # W681310
Download  W681310 Click to download

File Size   465.58 Kbytes
Page   36 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 3V SINGLE-CHANNEL VOICEBAND CODEC

W681310 Datasheet (HTML) - Winbond


W681310 Product details

GENERAL DESCRIPTION

The W681310 is a general-purpose single channel PCM CODEC with pin-selectable μ-Law or A-Law companding. The device is compliant with the ITU G.712 specification. It operates from a single +3V power supply and is available in 20-pin SOG, SSOP and TSSOP package options. Functions performed include digitization and reconstruction of voice signals, and band limiting and smoothing filters required for PCM systems. W681310 performance is specified over the industrial temperature range of –40°C to +85°C.



FEATURES

• Single +3V power supply (2.7V to 5.25V)

• Typical power dissipation of 10 mW, power-down mode of 0.5 μW

• Fully-differential analog circuit design

• On-chip precision reference of 0.886 V for a -5 dBm TLP at 600 Ω

• Push-pull power amplifiers with external gain adjustment with 300 Ωload capability

• Eight master clock rates of 256 kHz to 4.800 MHz

•Pin-selectable  μ-Law and A-Law companding (compliant with ITU G.711)

• CODEC A/D and D/A filtering compliant with ITU G.712

• Industrial temperature range (–40°C to +85°C)

• Packages: 20-pin SOG (SOP), SSOP and TSSOP

• Pb-Free package options available




Similar Part No. - W681310

ManufacturerPart #DatasheetDescription
logo
Winbond
W681310 WINBOND-W681310 Datasheet
324Kb / 38P
3V SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681310 NUVOTON-W681310 Datasheet
1Mb / 36P
3V SINGLE CHANNEL VOICEBAND CODEC
logo
Winbond
W681310ES WINBOND-W681310ES Datasheet
548Kb / 6P
Single Channel CODEC Mini Evaluation Board
W681310R WINBOND-W681310R Datasheet
324Kb / 38P
3V SINGLE-CHANNEL VOICEBAND CODEC
W681310RG WINBOND-W681310RG Datasheet
324Kb / 38P
3V SINGLE-CHANNEL VOICEBAND CODEC
More results


Similar Description - W681310

ManufacturerPart #DatasheetDescription
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
SINGLE-CHANNEL VOICEBAND CODEC
W681310 WINBOND-W681310_07 Datasheet
324Kb / 38P
3V SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681310 NUVOTON-W681310 Datasheet
1Mb / 36P
3V SINGLE CHANNEL VOICEBAND CODEC
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
SINGLE-CHANNEL VOICEBAND CODEC
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
SINGLE-CHANNEL VOICEBAND CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com