Electronic Components Datasheet Search
  English  ▼

X  

1430352 Datasheet (PDF) - PHOENIX CONTACT

1430352 Datasheet PDF - PHOENIX CONTACT
Part # 1430352
Download  1430352 Download
File Size   587.9 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-17P-10,0-35T/FR SH SCO - Sensor/actuator cable

1430352 Datasheet (PDF)

Go To PDF Page Download Datasheet
1430352 Datasheet PDF - PHOENIX CONTACT

Part # 1430352
Download  1430352 Click to download

File Size   587.9 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-17P-10,0-35T/FR SH SCO - Sensor/actuator cable

1430352 Datasheet (HTML) - PHOENIX CONTACT


1430352 Product details

Sensor/actuator cable, 17-position, PUR/PVC, black RAL 9005, shielded (Tinned copper braided
shield), free cable end, on Socket angled M12 SPEEDCON, coding: A, cable length: 10 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Save time, thanks to installation with SPEEDCON fast locking system
• Save space – with high-pos. connectors
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1430352

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1430301 TURCK-1430301 Datasheet
324Kb / 2P
Inductive Sensor – Probe
11/07/2023
logo
PHOENIX CONTACT
1430307 PHOENIX-1430307 Datasheet
595Kb / 18P
SAC-17P- 5,0-35T/FS SH SCO - Sensor/actuator cable
1430310 PHOENIX-1430310 Datasheet
595Kb / 18P
SAC-17P-10,0-35T/FS SH SCO - Sensor/actuator cable
1430336 PHOENIX-1430336 Datasheet
198Kb / 12P
Sensor/actuator cable - SAC-17P- 3,0-35T/FR SH SCO
09/11/2020
1430338 PHOENIX-1430338 Datasheet
1Mb / 20P
DC charging cable - EV-T1HPCC-DC500A-6,0M50ECBK11
Nov 16, 2022
More results


Similar Description - 1430352

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1402423 PHOENIX-1402423 Datasheet
119Kb / 7P
Sensor/Actuator cable - SAC-17P-MS/20,0-35T/FS SH SCO
1407790 PHOENIX-1407790 Datasheet
137Kb / 10P
Sensor/Actuator cable - SAC-5P-10,0-PUR/FS SH SCO
1414114 PHOENIX-1414114 Datasheet
142Kb / 8P
Sensor/Actuator cable - SAC-17P-MS/3,0-35T/FS SH SCO
1406087 PHOENIX-1406087 Datasheet
168Kb / 11P
Sensor/actuator cable - SAC-8P- 2,0-542/ FR SH SCO BK
09/11/2020
1416184 PHOENIX-1416184 Datasheet
46Kb / 1P
Sensor/actuator cable - SAC-17P-MS/1,0-35T/FS SH SCO
12/17/2018
1430255 PHOENIX-1430255 Datasheet
198Kb / 12P
Sensor/actuator cable - SAC-17P-MR/ 3,0-35T SH SCO
09/11/2020
1430336 PHOENIX-1430336 Datasheet
198Kb / 12P
Sensor/actuator cable - SAC-17P- 3,0-35T/FR SH SCO
09/11/2020
1430682 PHOENIX-1430682 Datasheet
163Kb / 12P
Sensor/actuator cable - SAC-12P-10,0-PUR/FR SCO
09/11/2020
1446728 PHOENIX-1446728 Datasheet
76Kb / 3P
Sensor/actuator cable - SAC-12P-MS/ 1,0-35T/MS SH SCO
12/05/2018
1430271 PHOENIX-1430271 Datasheet
197Kb / 12P
Sensor/actuator cable - SAC-17P-MR/10,0-35T SH SCO
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com