Electronic Components Datasheet Search
  English  ▼

X  

MS-PAE Datasheet (PDF) - Sensata Technologies, Inc.

MS-PAE Datasheet PDF - Sensata Technologies, Inc.
Part # MS-PAE
Download  MS-PAE Download
File Size   156.29 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 120/240V INVERTER/CHARGER

MS-PAE Datasheet (PDF)

Go To PDF Page Download Datasheet
MS-PAE Datasheet PDF - Sensata Technologies, Inc.

Part # MS-PAE
Download  MS-PAE Click to download

File Size   156.29 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 120/240V INVERTER/CHARGER

MS-PAE Datasheet (HTML) - Sensata Technologies, Inc.


MS-PAE Product details

Features
• Pure sine wave – Power your TVs, computers and other sensitive
electronics without worry. The pure sine wave inverter and power
factor corrected charger provide clean, reliable inverter power with
low total harmonic distortion (THD) of less than 5%.
• Choices – The MS-PAE Series comes in 24 and 48 volt configurations,
allowing you to choose the model that is right for you.
• Versatile mounting – Mount the MS-PAE Series on a shelf or wall.
• Lightweight – The lightweight aluminum base and cover also provides
noise reduction and corrosion resistance.
• Multiple ports – The MS-PAE Series provides multiple ports, including an
RS485 communication port for network expansion, and a remote port.
• Accessible design – The extra large AC access cover with terminal
screw block and 360° DC connection terminals with covers make this
inverter more accessible when it needs to be.
• Convenient switches – The MS-PAE Series comes with an on/off
inverter-mounted switch with an easy-to-read LED indicator.




Similar Part No. - MS-PAE

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
MS-P042 AKM-MS-P042 Datasheet
246Kb / 4P
Shipped in stick (300 pcs per pack)
MS-P043 AKM-MS-P043 Datasheet
246Kb / 4P
Shipped in stick (300 pcs per pack)
MS-P082 AKM-MS-P082 Datasheet
247Kb / 4P
Shipped in stick (300 pcs per pack)
MS-P204 AKM-MS-P204 Datasheet
246Kb / 4P
Shipped in stick (300 pcs per pack)
MS-P254 AKM-MS-P254 Datasheet
459Kb / 6P
Semiconductor Magnetoresistive Element
More results


Similar Description - MS-PAE

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
D2W130CD NIEC-D2W130CD Datasheet
165Kb / 3P
SSR - 120/240V 30A (RMS)
D2W140CD NIEC-D2W140CD Datasheet
162Kb / 3P
SSR - 120/240V 40A (RMS)
logo
National Instruments Co...
D2N130CD NI-D2N130CD Datasheet
188Kb / 3P
120/240V 30A
D2N140CD NI-D2N140CD Datasheet
188Kb / 3P
120/240V 40A
D2W130CD NI-D2W130CD Datasheet
183Kb / 3P
120/240V 30A
D2W140CD NI-D2W140CD Datasheet
180Kb / 3P
120/240V 40A
logo
Belden Inc.
9841 BELDEN-9841 Datasheet
251Kb / 3P
MINIATURE CIRCUIT BREAKER 120/240V 90A
logo
Schneider Electric
HOM225CP SCHNEIDER-HOM225CP Datasheet
150Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 25A
Nov 22, 2019
logo
COTEK ELECTRONIC IND. C...
SL-2000 COTEK-SL-2000 Datasheet
210Kb / 2P
2000W Inverter / Charger
20/11/12
SL-3000 COTEK-SL-3000 Datasheet
210Kb / 2P
3000W Inverter / Charger
20/11/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com