Electronic Components Datasheet Search
  English  ▼

X  

BYP54 Datasheet (PDF) - Zetex Semiconductors

BYP54 Datasheet PDF - Zetex Semiconductors
Part # BYP54
Download  BYP54 Download
File Size   192.64 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 25A Silicon Power Rectifier Diode

BYP54 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYP54 Datasheet PDF - Zetex Semiconductors

Part # BYP54
Download  BYP54 Click to download

File Size   192.64 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 25A Silicon Power Rectifier Diode

BYP54 Datasheet (HTML) - Zetex Semiconductors


BYP54 Product details

Description

The BYP53/54 are plastic sealed25A- diodes, which are available indifferent reverse voltage

classes upto 800V. The diodes can bedelivered with limited forward voltage  and reverse current differences for parallel connecting in rectifier stacks and back off-diodes



Features

•  Forward current 25A

•  Reverse voltage 75V – 800V

•  Hermeticpress-fit package

•  Available in different modifications of the package



Applications

•  Power supplies

•  Rectifier diode in car generators

•  Rectifier bridges/stacks

•  Back-off-diodes



 




Similar Part No. - BYP54

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BYP57 ZETEX-BYP57 Datasheet
192Kb / 5P
35A Silicon Power Rectifier Diode
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
logo
Zetex Semiconductors
BYP57-100 ZETEX-BYP57-100 Datasheet
192Kb / 5P
35A Silicon Power Rectifier Diode
logo
Diodes Incorporated
BYP57-100 DIODES-BYP57-100 Datasheet
436Kb / 6P
35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
logo
Zetex Semiconductors
BYP57-150 ZETEX-BYP57-150 Datasheet
192Kb / 5P
35A Silicon Power Rectifier Diode
More results


Similar Description - BYP54

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5520 NTE-NTE5520 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR), 25A
logo
List of Unclassifed Man...
KBJ2510 ETC-KBJ2510 Datasheet
50Kb / 2P
25A SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Zetex Semiconductors
BYP57 ZETEX-BYP57 Datasheet
192Kb / 5P
35A Silicon Power Rectifier Diode
BYY53 ZETEX-BYY53 Datasheet
213Kb / 6P
25A Silicon Power Rectifier Diode
BYY57 ZETEX-BYY57 Datasheet
212Kb / 5P
35A Silicon Power Rectifier Diode
BYY57A ZETEX-BYY57A Datasheet
203Kb / 5P
50A Silicon Power Rectifier Diode
logo
Sanyo Semicon Device
DBG250G SANYO-DBG250G Datasheet
36Kb / 3P
Diffused Junction Silicon Diode 25A Single-Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
1N5829 NAINA-1N5829 Datasheet
123Kb / 2P
Schottky Power Diode, 25A
1N6095 NAINA-1N6095 Datasheet
122Kb / 2P
Schottky Power Diode, 25A
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com