Electronic Components Datasheet Search
  English  ▼

X  

1509513 Datasheet (PDF) - PHOENIX CONTACT

1509513 Datasheet PDF - PHOENIX CONTACT
Part # 1509513
Download  1509513 Download
File Size   368.83 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-15,0-186/M12FS - Sensor/actuator cable

1509513 Datasheet (PDF)

Go To PDF Page Download Datasheet
1509513 Datasheet PDF - PHOENIX CONTACT

Part # 1509513
Download  1509513 Click to download

File Size   368.83 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-15,0-186/M12FS - Sensor/actuator cable

1509513 Datasheet (HTML) - PHOENIX CONTACT


1509513 Product details

Sensor/actuator cable, 4-position, PUR, black-gray RAL 7021, free cable end, on Socket straight
M12, coding: A, cable length: 15 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components




Similar Part No. - 1509513

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15095 ETC1-15095 Datasheet
219Kb / 5P
Normal Wall Flame Retardant Heat Shrink Tubing
logo
Multicomp Pro
15095 MULTICOMP-15095 Datasheet
180Kb / 2P
Green/Yellow Striped Flame-Retardant Polyolefin Heat Shrink Tubing
23/06/22 V1.0
logo
PHOENIX CONTACT
1509500 PHOENIX-1509500 Datasheet
370Kb / 9P
SAC-4P-10,0-186/M12FS - Sensor/actuator cable
logo
Chicago Miniature Lamp,...
15095250 CML-15095250 Datasheet
359Kb / 1P
StarLEDs T13/4 (6mm) BI-Pin with half wave rectifier
15095251 CML-15095251 Datasheet
359Kb / 1P
StarLEDs T13/4 (6mm) BI-Pin with half wave rectifier
More results


Similar Description - 1509513

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424082 PHOENIX-1424082 Datasheet
59Kb / 3P
Sensor/actuator cable - SAC-4P-40,0-PUR/M12FS
12/21/2018
1502730 PHOENIX-1502730 Datasheet
75Kb / 5P
Sensor/actuator cable - SAC-4P-15,0-PUR/M12FS
12/05/2018
1509461 PHOENIX-1509461 Datasheet
109Kb / 8P
Sensor/actuator cable - SAC-4P-M12MS/10,0-186
09/11/2020
1528879 PHOENIX-1528879 Datasheet
107Kb / 5P
Sensor/actuator cable - SAC-8P-15,0-PUR/M12FS
12/06/2018
1533521 PHOENIX-1533521 Datasheet
89Kb / 4P
Sensor/actuator cable - SAC-3P-15,0-PVC/M12FS
12/06/2018
1533576 PHOENIX-1533576 Datasheet
77Kb / 5P
Sensor/actuator cable - SAC-4P- 2,0-PUR/M12FS
12/06/2018
1555664 PHOENIX-1555664 Datasheet
112Kb / 8P
Sensor/actuator cable - SAC-4P-10,0-186/FS SCO
09/11/2020
1555729 PHOENIX-1555729 Datasheet
134Kb / 9P
Sensor/actuator cable - SAC-4P-MS/ 5,0-186/FS SCO
09/11/2020
1668108 PHOENIX-1668108 Datasheet
147Kb / 11P
Sensor/actuator cable - SAC-4P- 1,5-PUR/M12FS
09/11/2020
1696332 PHOENIX-1696332 Datasheet
82Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/15,0-PUR/M12FS
12/07/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com