Electronic Components Datasheet Search
  English  ▼

X  

GX66 Datasheet (PDF) - Sensata Technologies, Inc.

GX66 Datasheet PDF - Sensata Technologies, Inc.
Part # GX66
Download  GX66 Download
File Size   1136.51 Kbytes
Page   5 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 600 Amp 12-800 Vdc Contactor

GX66 Datasheet (PDF)

Go To PDF Page Download Datasheet
GX66 Datasheet PDF - Sensata Technologies, Inc.

Part # GX66
Download  GX66 Click to download

File Size   1136.51 Kbytes
Page   5 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 600 Amp 12-800 Vdc Contactor

GX66 Datasheet (HTML) - Sensata Technologies, Inc.


GX66 Product details

FEATURES
Rugged EPIC® seal rated to 175°C – Reduced risk of fire or meltdown in over current conditions.
The same technology used for advanced aerospace programs.
Hermetically sealed – Designed to meet: UL1604 for Class I & II, Div 2 and Class III for use in hazardous
locations, IP67 for temporary water immersion for 30 min, SAE J1171 - external ignition protection, and
ISO8846 for protection against ignition around flammable gasses.
High Efficiency Dual DC Coils – Very low 12, 24 or 48 VDC continuous coil power with no EMI emissions or crosstalk
on your system control power. Ideal for battery powered systems or where low power is needed.
Built-in coil suppression for all DC coils – Saves you engineering time and parts cost to add external coil suppression.
Stainless steel screws and washers, for years of corrosion free service.
Not position sensitive – can be mounted in any position for ease of installation.




Similar Part No. - GX66

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
GX66471 IDT-GX66471 Datasheet
84Kb / 2P
Linear Different ial Driver
GX66471-HIU IDT-GX66471-HIU Datasheet
84Kb / 2P
Linear Different ial Driver
More results


Similar Description - GX66

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CQ202-4M CENTRAL-CQ202-4M Datasheet
74Kb / 2P
4.0 AMP TRIAC 600 THRU 800 VOLTS
CS223-2M CENTRAL-CS223-2M Datasheet
72Kb / 2P
2.0 AMP SCR 600 THRU 800 VOLTS
CS223-4N CENTRAL-CS223-4N Datasheet
76Kb / 2P
4.0 AMP SCR 600 THRU 800 VOLTS
CQ220-12MFP CENTRAL-CQ220-12MFP Datasheet
80Kb / 2P
12 AMP TRIAC 600 THRU 800 VOLTS
CQDD-12M CENTRAL-CQDD-12M Datasheet
75Kb / 2P
12 AMP TRIAC 600 THRU 800 VOLTS
CSDD-12M CENTRAL-CSDD-12M Datasheet
74Kb / 2P
SILICON CONTROLLED RECTIFIER 12 AMP, 600 THRU 800 VOLTS
CQDD-12M CENTRAL-CQDD-12M_10 Datasheet
405Kb / 2P
SURFACE MOUNT 12 AMP SILICON TRIAC 600 THRU 800 VOLTS
CSDD-12M CENTRAL-CSDD-12M_10 Datasheet
404Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER 12 AMP, 600 THRU 800 VOLTS
logo
Sensata Technologies, I...
GX11 SENSATA-GX11 Datasheet
1Mb / 4P
150 Amp 12-800 Vdc Contactor
Rev 6 10/23/15
GV24 SENSATA-GV24 Datasheet
507Kb / 6P
400 AMP 800 VDC CONTACTOR
28-Apr-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com