Electronic Components Datasheet Search
  English  ▼

X  

9117M Datasheet (PDF) - Belden Inc.

9117M Datasheet PDF - Belden Inc.
Part # 9117M
Download  9117M Download
File Size   151.61 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CATV Video, RG6, 18 AWG BCCS, Messenger

9117M Datasheet (PDF)

Go To PDF Page Download Datasheet
9117M Datasheet PDF - Belden Inc.

Part # 9117M
Download  9117M Click to download

File Size   151.61 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CATV Video, RG6, 18 AWG BCCS, Messenger

9117M Datasheet (HTML) - Belden Inc.


9117M Product details

Product Description
Series 6, 18 AWG solid .040" bare copper-covered steel conductor, gas-injected foam polyethylene insulation, Duobond® II, aluminum braid shield (60%
coverage), PVC jacket.




Similar Part No. - 9117M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9117 ETC1-9117 Datasheet
127Kb / 1P
SHIELDED ADJUSTABLE RF COILS
9117 ETC2-9117 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Coto Technology
9117 COTO-9117 Datasheet
279Kb / 2P
9011, 9012 9117 Miniature SIP Relays
logo
List of Unclassifed Man...
9117 ETC2-9117 Datasheet
732Kb / 5P
Multi-ranging operation (output up to max power rating within maximum voltage and
logo
B&K Precision Corporati...
9117 BK-9117 Datasheet
742Kb / 5P
Multi-Range Programmable DC Power Supplies
More results


Similar Description - 9117M

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C35214186 GENERAL-C35214186 Datasheet
84Kb / 4P
C3521, Coaxial Cable, RG6/U Type, Plenum, 18 AWG Solid Bare Copper
C57764101 GENERAL-C57764101 Datasheet
77Kb / 3P
C5776, Coaxial Cable, RG6/U Type, 18 AWG Solid Copper Clad Steel
C57774101 GENERAL-C57774101 Datasheet
78Kb / 3P
C5777, Coaxial Cable, RG6/U Type, 18 AWG Copper Clad Steel
logo
List of Unclassifed Man...
PA8013 ETC2-PA8013 Datasheet
31Kb / 1P
CRIMPALL RG59/RG6 CATV CLAMSHELL
logo
Pasternack Enterprises,...
PE36132 PASTERNACK-PE36132 Datasheet
102Kb / 1P
CABLE ASSEMBLY, RG6-CATV, F MALE TO F MALE
logo
Belden Inc.
3092A BELDEN-3092A Datasheet
248Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, PVC Jkt, CMR
3092T BELDEN-3092T Datasheet
243Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, LSZH Jkt, CMG
3093A BELDEN-3093A Datasheet
248Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, FEP Ins, QUAD AL Shld, PVDF Jkt, CMP High Temp 150C
3132A BELDEN-3132A Datasheet
260Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, FEP Ins, QUAD AL Shld, PVDF Jkt, CMP
123092A BELDEN-123092A Datasheet
247Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, PVC Jkt, AIA Armor, PVC Jkt, CM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com