Electronic Components Datasheet Search
  English  ▼

X  

1697496 Datasheet (PDF) - PHOENIX CONTACT

1697496 Datasheet PDF - PHOENIX CONTACT
Part # 1697496
Download  1697496 Download
File Size   694.01 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12FR SH/.../... - Sensor/actuator cable

1697496 Datasheet (PDF)

Go To PDF Page Download Datasheet
1697496 Datasheet PDF - PHOENIX CONTACT

Part # 1697496
Download  1697496 Click to download

File Size   694.01 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12FR SH/.../... - Sensor/actuator cable

1697496 Datasheet (HTML) - PHOENIX CONTACT


1697496 Product details

Sensor/actuator cable, 4-position, free cable end, on Socket angled M12, coding: A, cable
length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1697496

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1697409 PHOENIX-1697409 Datasheet
571Kb / 16P
SAC-3P-M12Y-2XM 8FR/.../... - Sensor/actuator cable
1697412 PHOENIX-1697412 Datasheet
576Kb / 16P
SAC-3P-M12Y-2XM 8FR-2L/.../... - Sensor/actuator cable
1697425 PHOENIX-1697425 Datasheet
671Kb / 21P
SAC-3P-M12MS SH/.../... - Sensor/actuator cable
1697438 PHOENIX-1697438 Datasheet
673Kb / 21P
SAC-3P-M12MR SH/.../... - Sensor/actuator cable
logo
Weidmuller
1697440000 WEIDMULLER-1697440000 Datasheet
742Kb / 22P
Cable glands
More results


Similar Description - 1697496

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400422 PHOENIX-1400422 Datasheet
96Kb / 6P
Sensor/Actuator cable - SAC-4P- 1,0-PUR/M12FR
1403962 PHOENIX-1403962 Datasheet
124Kb / 10P
Sensor/actuator cable - SAC-4P-5,0-600/M12FR HD
09/11/2020
1456970 PHOENIX-1456970 Datasheet
122Kb / 9P
Sensor/actuator cable - SAC-4P- 5,0-800/M12FR
09/11/2020
1456983 PHOENIX-1456983 Datasheet
122Kb / 9P
Sensor/actuator cable - SAC-4P-10,0-800/M12FR
09/11/2020
1514511 PHOENIX-1514511 Datasheet
105Kb / 5P
Sensor/actuator cable - SAC-4P-20,0-PUR/M12FR SH
12/05/2018
1522930 PHOENIX-1522930 Datasheet
167Kb / 12P
Sensor/actuator cable - SAC-8P- 5,0-PUR/M12FR SH
09/11/2020
1527731 PHOENIX-1527731 Datasheet
97Kb / 4P
Sensor/actuator cable - SAC-4P-10,0-PVC/M12FR BK
12/06/2018
1546550 PHOENIX-1546550 Datasheet
100Kb / 4P
Sensor/actuator cable - SAC-4P-10,0-150/M12FR-3L
12/06/2018
1696400 PHOENIX-1696400 Datasheet
86Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/5,0-PUR/M12FR
12/02/2018
1696442 PHOENIX-1696442 Datasheet
85Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/10,0-PUR/M12FR
12/07/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com