Electronic Components Datasheet Search
  English  ▼

X  

1414908 Datasheet (PDF) - PHOENIX CONTACT

1414908 Datasheet PDF - PHOENIX CONTACT
Part # 1414908
Download  1414908 Download
File Size   631.35 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P- 3,0-PUR/M12FRM PE SH - Power cable

1414908 Datasheet (PDF)

Go To PDF Page Download Datasheet
1414908 Datasheet PDF - PHOENIX CONTACT

Part # 1414908
Download  1414908 Click to download

File Size   631.35 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P- 3,0-PUR/M12FRM PE SH - Power cable

1414908 Datasheet (HTML) - PHOENIX CONTACT


1414908 Product details

Power cable, 6-position, PUR halogen-free, orange RAL 2003, Advanced Shielding Technology,
free cable end, on Socket angled M12, coding: M, cable length: 3 m, for AC current up to
8 A/690 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against mismatching, thanks to special M-coding
• Shield power reliably – 360° shielding to reduce electromagnetic loads
• Our standard: robust halogen-free PUR cable




Similar Part No. - 1414908

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414900 PHOENIX-1414900 Datasheet
635Kb / 18P
SAC-6P- 1,5-PUR/M12FRM PE SH - Power cable
1414901 PHOENIX-1414901 Datasheet
628Kb / 18P
SAC-6P- 1,5-PUR/M12FSM PE - Power cable
1414902 PHOENIX-1414902 Datasheet
630Kb / 18P
SAC-6P- 1,5-PUR/M12FSM PE SH - Power cable
1414903 PHOENIX-1414903 Datasheet
590Kb / 18P
SAC-6P- 1,5-PVC/M12FRM PE - Power cable
1414904 PHOENIX-1414904 Datasheet
635Kb / 18P
SAC-6P- 1,5-PVC/M12FRM PE SH - Power cable
More results


Similar Description - 1414908

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415203 PHOENIX-1415203 Datasheet
110Kb / 5P
Power cable - SAC-4P-MRT/ 3,0-PUR/FRT SH SCO
1414797 PHOENIX-1414797 Datasheet
403Kb / 7P
Power cable - SAC-5P- 3,0-PVC/M12FSK PE SH
02/03/2022
1476800 PHOENIX-1476800 Datasheet
391Kb / 8P
SAC-3P-P12MR/ 3,0-PUR SH - Sensor/actuator cable
1476854 PHOENIX-1476854 Datasheet
318Kb / 7P
SAC-4P-P12MS/ 3,0-PUR SH - Sensor/actuator cable
1476806 PHOENIX-1476806 Datasheet
1Mb / 8P
SAC-3P-P12MS/ 3,0-PUR SH - Sensor/actuator cable
1476843 PHOENIX-1476843 Datasheet
313Kb / 7P
SAC-4P- 3,0-PUR/P12FS SH - Sensor/actuator cable
1476892 PHOENIX-1476892 Datasheet
2Mb / 8P
SAC-5P- 3,0-PUR/P12FS SH - Sensor/actuator cable
1476839 PHOENIX-1476839 Datasheet
313Kb / 7P
SAC-4P- 3,0-PUR/P12FR SH - Sensor/actuator cable
1476902 PHOENIX-1476902 Datasheet
1Mb / 8P
SAC-5P-P12MS/ 3,0-PUR SH - Sensor/actuator cable
1476848 PHOENIX-1476848 Datasheet
318Kb / 7P
SAC-4P-P12MR/ 3,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com